Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1337CSRI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Datasheet(HTML) 4 Page - Integrated Device Technology

  1337CSRI Datasheet HTML 1Page - Integrated Device Technology 1337CSRI Datasheet HTML 2Page - Integrated Device Technology 1337CSRI Datasheet HTML 3Page - Integrated Device Technology 1337CSRI Datasheet HTML 4Page - Integrated Device Technology 1337CSRI Datasheet HTML 5Page - Integrated Device Technology 1337CSRI Datasheet HTML 6Page - Integrated Device Technology 1337CSRI Datasheet HTML 7Page - Integrated Device Technology 1337CSRI Datasheet HTML 8Page - Integrated Device Technology 1337CSRI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
IDT1337
REA LTIME CLOCK WITH SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
4
IDT1337
REV J 111009
Note: IDT1337CSRI integrates a standard 32.768 kHz
crystal in the package and contributes an additional
frequency error of 10ppm at nominal VCC (+3.3 V) and
TA=+25°C.
ESR (Effective Series Resistance)
Choose the crystal with lower ESR. A low ESR helps the
crystal to start up and stabilize to the correct output
frequency faster compared to high ESR crystals.
Frequency Tolerance
The frequency tolerance for 32 KHz crystals should be
specified at nominal temperature (+25°C) on the crystal
manufacturer datasheet. The crystals used with IDT1337
typically have a frequency tolerance of +/-20ppm at +25°C.
Specifications for a typical 32 kHz crystal used with our
device are shown in the table below.
PCB Design Consideration
Signal traces between IDT device pins and the crystal
must be kept as short as possible. This minimizes
parasitic capacitance and sensitivity to crosstalk and
EMI. Note that the trace capacitances play a role in the
effective crystal load capacitance calculation.
Data lines and frequently switching signal lines should be
routed as far away from the crystal connections as
possible. Crosstalk from these signals may disturb the
oscillator signal.
Reduce the parasitic capacitance between X1 and X2
signals by routing them as far apart as possible.
The oscillation loop current flows between the crystal and
the load capacitors. This signal path (crystal to CL1 to
CL2 to crystal) should be kept as short as possible and
ideally be symmetric. The ground connections for both
capacitors should be as close together as possible.
Never route the ground connection between the
capacitors all around the crystal, because this long
ground trace is sensitive to crosstalk and EMI.
To reduce the radiation / coupling from oscillator circuit,
an isolated ground island on the GND layer could be
made. This ground island can be connected at one point
to the GND layer. This helps to keep noise generated by
the oscillator circuit locally on this separated island. The
ground connections for the load capacitors and the
oscillator should be connected to this island.
PCB Layout
PCB Assembly, Soldering and Cleaning
Board-assembly production process and assembly quality
can affect the performance of the 32 KHz oscillator.
Depending on the flux material used, the soldering process
can leave critical residues on the PCB surface. High
humidity and fast temperature cycles that cause humidity
condensation on the printed circuit board can create
process residuals. These process residuals cause the
insulation of the sensitive oscillator signal lines towards
each other and neighboring signals on the PCB to decrease.
High humidity can lead to moisture condensation on the
surface of the PCB and, together with process residuals,
reduce the surface resistivity of the board. Flux residuals on
the board can cause leakage current paths, especially in
humid environments. Thorough PCB cleaning is therefore
highly recommended in order to achieve maximum
performance by removing flux residuals from the board after
assembly. In general, reduction of losses in the oscillator
circuit leads to better safety margin and reliability.
Parameter
Symbol
Min
Typ
Max Units
Nominal Freq.
fO
32.768
kHz
Series Resistance
ESR
50
k
Load Capacitance
CL
7pF
1337


Similar Part No. - 1337CSRI

ManufacturerPart #DatasheetDescription
logo
Heyco.
1337 HEYCO-1337 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
13370 HEYCO-13370 Datasheet
90Kb / 1P
   Blunt Rivets
13370 HEYCO-13370 Datasheet
90Kb / 1P
   Blunt Rivets
logo
PHOENIX CONTACT
1337009 PHOENIX-1337009 Datasheet
472Kb / 9P
   FR 1,27/ 6-FH - SMD female connectors
logo
ERNI Electronics
133701 ERNI-133701 Datasheet
41Kb / 1P
   MOD JACK - MJLS
More results

Similar Description - 1337CSRI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com