Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

932SQ420DGLFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 932SQ420DGLFT
Description  PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ420DGLFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 932SQ420DGLFT Datasheet HTML 2Page - Integrated Device Technology 932SQ420DGLFT Datasheet HTML 3Page - Integrated Device Technology 932SQ420DGLFT Datasheet HTML 4Page - Integrated Device Technology 932SQ420DGLFT Datasheet HTML 5Page - Integrated Device Technology 932SQ420DGLFT Datasheet HTML 6Page - Integrated Device Technology 932SQ420DGLFT Datasheet HTML 7Page - Integrated Device Technology 932SQ420DGLFT Datasheet HTML 8Page - Integrated Device Technology 932SQ420DGLFT Datasheet HTML 9Page - Integrated Device Technology 932SQ420DGLFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
932SQ420D
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
IDT®
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
6
932SQ420D
REV H 042012
Pin Descriptions - 64 MLF
PIN #
PIN NAME
TYPE
D ESC RIPTION
1
GNDPCI
PWR Ground pin for PCI outputs and logic.
2
VDDPC I
PWR 3.3V power for the PCI outputs and logic
3
PCI4_2x
OUT 3.3V PCI clock output
4
PCI3_2x
OUT 3.3V PCI clock output
5
PCI2_2x
OUT 3.3V PCI clock output
6
PCI1_2x
OUT 3.3V PCI clock output
7
PCI0_2x
OUT 3.3V PCI clock output
8
GNDPCI
PWR Ground pin for PCI outputs and logic.
9
VDDPC I
PWR 3.3V power for the PCI outputs and logic
10
VDD48
PWR 3.3V power for the 48MHz output and logic
11
^48M_2x/100M_133M#
I/O
3.3V 48MHz output/ 3.3V tolerant CPU frequency select latched input pin. See VilFS and VihFS values for
thresholds. This pin has a weak (~120Kom) internal pull up.
1 = 100MHz, 0 = 133MHz operating frequency
12
GND48
PWR Ground pin for 48MH z output and logic.
13
GND96
PWR Ground pin for DOT96 output and logic.
14
DOT96T
OUT
True clock of differential 96MHz output. These are current mode outputs. These are current mode outputs
and external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
15
DOT96C
OUT
Complementary clock of differential 96MHz output. These are current mode outputs and external 33 ohm
series resistors and 49.9 ohm shunt resistors are required for termination.
16
AVDD96
PWR 3.3V power for the 48/96MHz PLL and the 96MHz output and logic
17
TEST_MOD E
IN
TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer to
Test Clarification Table.
18
CKPWRGD#/PD
IN
CKPWRGD# is an active low input used to sample latched inputs and allow the device to Power Up. PD is an
asynchronous active high input pin used to put the device into a low power state. The internal clocks and PLLs
are stopped.
19
VDDSR C
PWR 3.3V power for the SRC outputs and logic
20
SRC0T
OUT
True clock of differential SRC output. These are current mode outputs. These are current mode outputs and
external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
21
SRC0C
OUT
Complementary clock of differential SRC output. These are current mode outputs and external 33 ohm
series resistors and 49.9 ohm shunt resistors are required for termination.
22
GNDSRC
PWR Ground pin for SRC outputs and logic.
23
SRC1C
OUT
Complementary clock of differential SRC output. These are current mode outputs and external 33 ohm series
resistors and 49.9 ohm shunt resistors are required for termination.
24
SRC1T
OUT
True clock of differential SRC output. These are current mode outputs. These are current mode outputs and
external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
25
SRC2C
OUT
Complementary clock of differential SRC output. These are current mode outputs and external 33 ohm series
resistors and 49.9 ohm shunt resistors are required for termination.
26
SRC2T
OUT
True clock of differential SRC output. These are current mode outputs. These are current mode outputs and
external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
27
VDDSR C
PWR 3.3V power for the SRC outputs and logic
28
AVDD_SRC
PWR 3.3V power for the SRC PLL analog circuits
29
GNDSRC
PWR Ground pin for SRC outputs and logic.
30
IR EF
OUT
This pin establishes the reference current for the differential current-mode output pairs. This pin requires a
fixed precision resistor tied to ground in order to establish the appropriate current. 475 ohms is the standard
value.
31
NS_SRC0C
OUT
Complementary clock of differential non-spreading SR C output. These are current mode outputs and external
33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
32
NS_SRC0T
OUT
True clock of differential non-spreading SRC output. These are current mode outputs. These are current
mode outputs and external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
33
NS_SRC1C
OUT
Complementary clock of differential non-spreading SR C output. These are current mode outputs and external
33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
34
NS_SRC1T
OUT
True clock of differential non-spreading SR C output. These are current mode outputs. These are current
mode outputs and external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.


Similar Part No. - 932SQ420DGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
932SQ420DGLFT RENESAS-932SQ420DGLFT Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
More results

Similar Description - 932SQ420DGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS932SQ420DGLF IDT-ICS932SQ420DGLF Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932SQ428 RENESAS-932SQ428 Datasheet
560Kb / 23P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV E 042312
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ425 RENESAS-932SQ425 Datasheet
440Kb / 23P
   PCIE GEN2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV B 042312
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
   PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
   PCIe Gen 2 main Clock for Intel-based Servers
logo
Renesas Technology Corp
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
   PCIe Gen 2 main Clock for Intel-based Servers
2019
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
logo
Integrated Device Techn...
ICS932S421B IDT-ICS932S421B Datasheet
226Kb / 23P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com