Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X10D1-M1G Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E2E-X10D1-M1G
Description  Standard Proximity Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X10D1-M1G Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E2E-X10D1-M1G Datasheet HTML 5Page - Omron Electronics LLC E2E-X10D1-M1G Datasheet HTML 6Page - Omron Electronics LLC E2E-X10D1-M1G Datasheet HTML 7Page - Omron Electronics LLC E2E-X10D1-M1G Datasheet HTML 8Page - Omron Electronics LLC E2E-X10D1-M1G Datasheet HTML 9Page - Omron Electronics LLC E2E-X10D1-M1G Datasheet HTML 10Page - Omron Electronics LLC E2E-X10D1-M1G Datasheet HTML 11Page - Omron Electronics LLC E2E-X10D1-M1G Datasheet HTML 12Page - Omron Electronics LLC E2E-X10D1-M1G Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
E2E
9
Unshielded DC 2-Wire Models with Self-diagnosis Output [Refer to Dimensions on page 29.]
*1. Models with different frequencies are also available. The model number is E2E-X
@MD15S (example: E2E-X8MD15S 2M).
*2. Refer to page 24 for details.
Connector Pin Assignments of DC 2-Wire Models
• The connector pin assignments of each New E2E DC 2-Wire Model
conform to IEC 947-5-2 Table III. (Only DC 2-Wire Models have
been changed in comparison to the previous models.)
• The following models with conventional connector pin assignments
are available as well. (Only NO Models can be used.)
The cable at the right should also be used if the XW3A-P
@45-G11
Connector Junction Box is already being used.
Models with conventional connector pin assignments are available as well.
Note: Refer to page 24 for details.
2-Wire Models
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Polar-
ity
Opera-
tion
mode
Pin
arrangement
Applicable
connector
code *2
Model
M12
Pre-wired Mod-
els (2 m)
PVC (oil-resistant)
Yes
NO
---
---
E2E-X8MD1S 2M *
M12 Connector
Models
---
2: +V and diagnostic output
3: 0 V
4: +V and control output
D
E2E-X8MD1S-M1
M18
Pre-wired Mod-
els (2 m)
PVC (oil-resistant)
---
---
E2E-X14MD1S 2M *
M12 Connector
Models
---
2: +V and diagnostic output
3: 0 V
4: +V and control output
D
E2E-X14MD1S-M1
M30
Pre-wired Mod-
els (2 m)
PVC (oil-resistant)
---
---
E2E-X20MD1S 2M *
M12 Connector
Models
---
2: +V and diagnostic output
3: 0 V
4: +V and control output
D
E2E-X20MD1S-M1
8 mm
14 mm
20 mm
Cable length
Model
500 mm
XS2W-D421-BY1
3
4
4
1
Internal Wiring
(Proximity Sensor end)
(Wired end)
Appearance
Model
NO
Applicable connector code *
NC
Applicable connector code *
M8
E2E-X2D1-M1
C
E2E-X2D2-M1
D
M12
E2E-X3D1-M1
C
E2E-X3D2-M1
D
M18
E2E-X7D1-M1
C
E2E-X7D2-M1
D
M30
E2E-X10D1-M1
C
E2E-X10D2-M1
D
M8
E2E-X4MD1-M1
C
E2E-X4MD2-M1
D
M12
E2E-X8MD1-M1
C
E2E-X8MD2-M1
D
M18
E2E-X14MD1-M1
C
E2E-X14MD2-M1
D
M30
E2E-X20MD1-M1
C
E2E-X20MD2-M1
D
Shielded
Unshielded


Similar Part No. - E2E-X10D1-M1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10D1-M1G OMRON-E2E-X10D1-M1G Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X10D1-M1G1 OMRON-E2E-X10D1-M1G1 Datasheet
2Mb / 36P
   Standard Proximity Sensor
E2E-X10D1-M1GJ OMRON-E2E-X10D1-M1GJ Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10D1-M1GJ OMRON-E2E-X10D1-M1GJ Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X10D1-M1GJ OMRON-E2E-X10D1-M1GJ Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
More results

Similar Description - E2E-X10D1-M1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X1C1 OMRON-E2E-X1C1 Datasheet
2Mb / 36P
   Standard Proximity Sensor
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
   MINIATURE STANDARD PROXIMITY SENSOR
logo
Omron Electronics LLC
TL-N OMRON-TL-N Datasheet
1Mb / 12P
   Rectangular Standard Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com