Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFP-100N2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # PFP-100N2
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  PFP-100N2 Datasheet HTML 1Page - Omron Electronics LLC PFP-100N2 Datasheet HTML 2Page - Omron Electronics LLC PFP-100N2 Datasheet HTML 3Page - Omron Electronics LLC PFP-100N2 Datasheet HTML 4Page - Omron Electronics LLC PFP-100N2 Datasheet HTML 5Page - Omron Electronics LLC PFP-100N2 Datasheet HTML 6Page - Omron Electronics LLC PFP-100N2 Datasheet HTML 7Page - Omron Electronics LLC PFP-100N2 Datasheet HTML 8Page - Omron Electronics LLC PFP-100N2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
H8PS
3
Specifications
■ Ratings
Item
H8PS-
@B
H8PS-
@BF
H8PS-
@BP
H8PS-
@BFP
Rated supply voltage
24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Mounting method
Flush mounting
Surface mounting,
track mounting
Flush mounting
Surface mounting,
track mounting
Power consumption
Approx. 4.5 W at 26.4 VDC for 8-output models
Approx. 6.0 W at 26.4 VDC for 16-/32-output models
Inputs
Encoder input
Connections to a dedicated absolute encoder
External
inputs
Input
signals
8-output Models: None
16-/32-output Models: Bank inputs 1/2/4, origin input, start input
Input type
No voltage inputs: ON impedance:1 k
Ω max. (Leakage current: approx. 2 mA at 0 Ω)
ON residual voltage: 2 V max., OFF impedance: 100 k
Ω min., Applied voltage: 30 VDC max.
Minimum input signal width: 20 ms
Outputs Cam outputs
RUN output
NPN open-collector transistor outputs
30 VDC max.,
100 mA max. (Do not exceed 1.6 A total for all cam
outputs and the RUN output.),
residual voltage: 2 VDC max.
PNP open-collector transistor outputs
30 VDC max. (26.4 VDC for 16-/32-output Models),
100 mA max. (Do not exceed 1.6 A total for all cam
outputs and the RUN output.),
residual voltage: 2 VDC max.
Pulse output
NPN open-collector transistor output
30 VDC max.,
30 mA max.,
residual voltage: 0.5 VDC max.
PNP open-collector transistor output
30 VDC max. (26.4 VDC for 16-/32-output Models)
30 mA max.,
residual voltage: 2 VDC max.
Number of outputs
8-output Models: 8 cam outputs, 1 RUN output, 1 pulse output
16-output Models: 16 cam outputs, 1 RUN output, 1 pulse output
32-output Models: 32 cam outputs, 1 RUN output, 1 pulse output
Number of banks
8 banks (for 16-/32-output Models only)
Display method
7-segment, negative transmissive LCD (Main Display: 11 mm (red), Sub-display: 5.5 mm (green))
Memory backup method
EEPROM (overwrites: 100000 times min.) that can store data for 10 years min.
Ambient operating
temperature
−10 to 55°C (with no icing or condensation)
Storage temperature
−25 to 65°C (with no icing or condensation)
Ambient humidity
25% to 85%
Degree of protection
Panel surface: IP40, Rear case: IP20
Case color
Light gray (Munsell 5Y7/1)


Similar Part No. - PFP-100N2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-100N2 OMRON-PFP-100N2 Datasheet
51Kb / 2P
   DIN Rail Mounting Track
PFP-100N2 OMRON-PFP-100N2 Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
PFP-100N2 OMRON-PFP-100N2 Datasheet
1Mb / 36P
   Programmable Relay
PFP-100N2 OMRON-PFP-100N2 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PFP-100N2 OMRON-PFP-100N2 Datasheet
1Mb / 22P
   Programmable Controller
More results

Similar Description - PFP-100N2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
   Cam Positioner
3F88L-RS17 OMRON-3F88L-RS17 Datasheet
465Kb / 6P
   Cam Positioner
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com