Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGN1A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MGN1A
Description  30 Amp Heavy Duty Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MGN1A Datasheet(HTML) 2 Page - Omron Electronics LLC

  MGN1A Datasheet HTML 1Page - Omron Electronics LLC MGN1A Datasheet HTML 2Page - Omron Electronics LLC MGN1A Datasheet HTML 3Page - Omron Electronics LLC MGN1A Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
350
Heavy Duty Power Relay
MGN
■ Coil Data
AC
DC
■ Characteristics
Nominal
voltage
Resistance in
Ohms
± 10%
Nominal coil
power
Coil
voltages
Coil treatment
Insulation
resistance
Pick up voltage
at 25
°C (77°F)
6 VAC
0.85
9.5 VA
Up to 600
volts/60 Hz
Molded Rynite®
Std. Class F
100 megohms
min.
85% or less
of nominal
12 VAC
2.85
24 VAC
11.5
120 VAC
295
240 VAC
1,170
480 VAC
4,860
Nominal
voltage
Resistance in
Ohms
± 10%
Nominal coil
power
Coil
voltages
Coil treatment
Insulation
resistance
Pick up voltage
at 25
°C (77°F)
6 VDC
18
2W
Up to 125 volts Molded Rynite®
Std. Class F
100 megohms
min.
75% or less
of nominal
12 VDC
72
24 VDC
290
48 VDC
1,150
110 VDC
6,050
Operate time
Approximately 30 ms
Release time
Approximately 30 ms
Operating ambient temperature
AC:
-45
° to 80°C (-49° to 176°F) @ 30 amps
DC:
-45
° to 115°C (-49° to 239°F) @ 30 amps
Coil temperature rise
25
°C ambient-continuous duty
AC:
70
°C (158°F) approx. @ 60 Hz (use at 50 Hz will cause slight increase in coil rise)
DC:
35
°C (95°F) approx.
Life
expectancy
Electrical at
rated load
100,000 operations (minimum)
Mechanical
1,000,000 operations
Dielectric strength
2,200 VRMS, 60 Hz between contacts
2,200 VRMS, 60 Hz between other elements
Terminals
Screw type
Weight
Short base version: approx 227 g (8 oz)
Long base version: approx 283 g (10 oz)


Similar Part No. - MGN1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MGN1A OMRON-MGN1A Datasheet
414Kb / 6P
   Heavy Duty Power Relay
MGN1AM OMRON-MGN1AM Datasheet
414Kb / 6P
   Heavy Duty Power Relay
More results

Similar Description - MGN1A

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ900 AZETTLER-AZ900 Datasheet
364Kb / 2P
   30 AMP HEAVY DUTY POWER RELAY
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
530-1A-06S0 OENINDIA-530-1A-06S0 Datasheet
98Kb / 3P
   HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
33H OENINDIA-33H Datasheet
1Mb / 1P
   HEAVY DUTY POWER RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
   HEAVY-DUTY POWER RELAY
logo
Picker Components
PC739 PICKER-PC739 Datasheet
310Kb / 4P
   Heavy Duty Power Relay
logo
OEN India Limited
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
   HEAVY DUTY POWER RELAY
logo
Omron Electronics LLC
G6RN1ADC12G6S OMRON-G6RN1ADC12G6S Datasheet
393Kb / 6P
   Heavy-duty Miniature Relay
logo
OEN India Limited
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
   HEAVY DUTY POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com