Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGN1A Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # MGN1A
Description  30 Amp Heavy Duty Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MGN1A Datasheet(HTML) 1 Page - Omron Electronics LLC

  MGN1A Datasheet HTML 1Page - Omron Electronics LLC MGN1A Datasheet HTML 2Page - Omron Electronics LLC MGN1A Datasheet HTML 3Page - Omron Electronics LLC MGN1A Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Heavy Duty Power Relay
MGN
349
Heavy Duty Power Relay
MGN
30 Amp Heavy Duty Relay
• Class F coil insulation system for 155
°C (311°F)
• Coil molded in DuPont Rynite® for environmental
protection
• Rugged construction rivets terminals to base
CULUS Listed
• Short Circuit Current Rating (SCCR) of 5kA, 600VAC
u
c
u
Ordering Information
To Order: Select part number and add the desired coil voltage rating (e.g. MGN1C-AC24)
Note: Magnetic blow-out version
Specifications
■ Contact Data
Note: Magnetic Blow-out versions also have a 20 amp @ 125 VDC (resistive) load rating.
Base size
Contact Form
Model
Short
SPDT
MGN1C
SPST-NO
MGN1A
SPST-NO-DM
MGN1X
SPST-NO
MGN1AM (see note)
SPST-NC
MGN1B
DPST-NO
MGN2A
Long
DPDT
MGN2C
DPDT
MGN2CM (see note)
MG series dust cover
MGCOV
Materials
All versions 5/16” diameter Ag-Alloy
Contact UL ratings
30 amp or 1-1/2 hp @ 120 or 240 VAC, 2 hp @ 240 VAC, 3,600w @ 120 or 240 VAC (ballast),
30 amp @ 240 VAC, 100,000 cycle (resistive), 20 amp @ 600 VAC, 30 amp @ 28 VDC
UL file number
E41643


Similar Part No. - MGN1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MGN1A OMRON-MGN1A Datasheet
414Kb / 6P
   Heavy Duty Power Relay
MGN1AM OMRON-MGN1AM Datasheet
414Kb / 6P
   Heavy Duty Power Relay
More results

Similar Description - MGN1A

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ900 AZETTLER-AZ900 Datasheet
364Kb / 2P
   30 AMP HEAVY DUTY POWER RELAY
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
530-1A-06S0 OENINDIA-530-1A-06S0 Datasheet
98Kb / 3P
   HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
33H OENINDIA-33H Datasheet
1Mb / 1P
   HEAVY DUTY POWER RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
   HEAVY-DUTY POWER RELAY
logo
Picker Components
PC739 PICKER-PC739 Datasheet
310Kb / 4P
   Heavy Duty Power Relay
logo
OEN India Limited
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
   HEAVY DUTY POWER RELAY
logo
Omron Electronics LLC
G6RN1ADC12G6S OMRON-G6RN1ADC12G6S Datasheet
393Kb / 6P
   Heavy-duty Miniature Relay
logo
OEN India Limited
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
   HEAVY DUTY POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com