Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQM1-OA222 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CQM1-OA222
Description  Controlling Quality with this Exceptional Machine
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1-OA222 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CQM1-OA222 Datasheet HTML 1Page - Omron Electronics LLC CQM1-OA222 Datasheet HTML 2Page - Omron Electronics LLC CQM1-OA222 Datasheet HTML 3Page - Omron Electronics LLC CQM1-OA222 Datasheet HTML 4Page - Omron Electronics LLC CQM1-OA222 Datasheet HTML 5Page - Omron Electronics LLC CQM1-OA222 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Standard Models
Memory
Capacity
Clock
Model
EEPROM
4K words
CQM1-ME04K
Yes
CQM1-ME04R
8K words
CQM1-ME08K
Yes
CQM1-ME08R
EPROM
CQM1-MP08K
(IC socket only)
Yes
CQM1-MP04R
Supply
24 VDC Service
Supplied to
Voltage
Power Supply
Units (5V)
Model
100 to 240 VAC
None
3.6 A, 18 W
CQM1-PA203
50/60 Hz
0.5 A
6.0 A, 30 W
CQM1-PA206
(includes service supply)
24 VDC
6.0 A, 30 W
CQM1-PD026
CPU Units
The CQM1 CPU units have 16 built-in DC inputs. Four of these inputs can be used as
interrupt inputs and one can be used as a high-speed counter input.
Choose either the EEPROM or the EPROM Memory Cassette to
enhance the CQM1’s memory. They will prevent the CQM1’s
Program Memory and DM from being lost during power
interruption. The program and data in DM can be transferred
between the CPU unit’s RAM and the Memory Cassette. Data
cannot be written to EPROM from the CPU unit.
Clock Function
Clock and calendar data can be used in the program when
a Memory Cassette with the clock function is installed.
Memory Cassettes (optional)
Max. I/O
Program
DM
RS-232C
Analog
Pulse
ABS
Built-in
Current
Points
Capacity
Capacity
Port
Setting
I/O
Interface
Analog I/O
Consumption
Model
128
3.2K words
1K words
800 mA, 5 VDC
CQM1-CPU11-E
Yes
820 mA, 5 VDC
CQM1-CPU21-E
256
7.2K words
6K words
Yes
CQM1-CPU41-EV1
Yes
820 mA, 5 VDC CQM1-CPU42-EV1
Yes
980 mA, 5 VDC CQM1-CPU43-EV1
Yes
CQM1-CPU44-EV1
Yes
CQM1-CPU45-EV1
Note: The End Plate that covers the right side of the CQM1 is included with the CPU unit.
Power Supply Units
There are three available power supply units – one using 24 VDC and the rest using 100 to
240 VAC. The AC units come with or without a built-in 24 VDC service power supply.
Customize the CQM1 to your application by using the wide selection of units.


Similar Part No. - CQM1-OA222

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1-OA222 OMRON-CQM1-OA222 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - CQM1-OA222

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
UP-RW1220P1 PANASONICBATTERY-UP-RW1220P1 Datasheet
145Kb / 1P
   High quality and reliability Exceptional deep discharge recovery
UP-RW1245P1 PANASONICBATTERY-UP-RW1245P1 Datasheet
149Kb / 1P
   High quality and reliability Exceptional deep discharge recovery
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932 Datasheet
618Kb / 7P
   Exceptional Broadband Performance
logo
SYNERGY MICROWAVE CORPO...
DCRO221226-8 SYNERGY-DCRO221226-8 Datasheet
350Kb / 3P
   Exceptional Phase Noise Performance
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
   Exceptional dielectric strength
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932_15 Datasheet
618Kb / 7P
   Exceptional Broadband Performance
logo
Kingston Technology Far...
DC450R KINGSTON-DC450R Datasheet
1Mb / 2P
   Read-centric SSD with exceptional I/O and latency predictability
logo
SYNERGY MICROWAVE CORPO...
DCRO119185-12-1 SYNERGY-DCRO119185-12-1 Datasheet
345Kb / 3P
   Exceptional Phase Noise Performance
DCSR4143-8 SYNERGY-DCSR4143-8 Datasheet
372Kb / 3P
   Exceptional Phase Noise Performance
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com