Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNY-PL2910 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # FNY-PL2910
Description  Improve Equipment Design Efficiency and Shorten Tact Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FNY-PL2910 Datasheet(HTML) 3 Page - Omron Electronics LLC

  FNY-PL2910 Datasheet HTML 1Page - Omron Electronics LLC FNY-PL2910 Datasheet HTML 2Page - Omron Electronics LLC FNY-PL2910 Datasheet HTML 3Page - Omron Electronics LLC FNY-PL2910 Datasheet HTML 4Page - Omron Electronics LLC FNY-PL2910 Datasheet HTML 5Page - Omron Electronics LLC FNY-PL2910 Datasheet HTML 6Page - Omron Electronics LLC FNY-PL2910 Datasheet HTML 7Page - Omron Electronics LLC FNY-PL2910 Datasheet HTML 8Page - Omron Electronics LLC FNY-PL2910 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CJ1W-MCH71
3
Specifications
General Specifications
Specifications other than those shown above conform to the general specifications for the CJ series.
Functions and Performance Specifications
Item
Specifications
Model
CJ1W-MCH71
Power supply voltage
5 VDC (from Backplane)
24 VDC (from external power supply)
Voltage fluctuation tolerance
4.5 to 5.5 VDC (from Backplane)
21.6 to 26.4 VDC (from external power supply)
Internal current consumption
5 VDC 0.6 A max.
Weight (Connectors excluded)
210 g max.
Safety standards
UL, CSA, C-TICK, and EC Directives.
Dimensions (mm)
90 (H)
× 79.8 (W) × 65 (D) (single)
Altitude
At 2,000 m elevation or lower.
Item
Specifications
Applicable PLC
CJ-series PLCs with CPU Units with unit version 2.0 or later
Type of Unit
CPU Bus Unit
Mounting
CPU unit or expansion rack
Number of Units
One CJ1W-MCH71 Motion Control Unit requires the space of three standard Unit.
Method for data
transfer with CPU
Unit
CIO Area for CPU Bus
Unit
Occupies the area for 1 unit (25 words)
For units and tasks: 11 to 25 words (Depending on the number of motion tasks)
DM Area for CPU Bus
Unit
Occupies the area for 1 unit (100 words)
For units and tasks: 32 to 74 words (Depending on the number of motion tasks)
Custom Bit Area
For axes: 0-64 words (Depending on the greatest number of the axis used)
Custom Data Area
For axes: 0-128 words (Depending on the greatest number of the axis used)
Custom Data Area
For General I/O: 0-1280 words (Depending on setting)
Controlled Devices
MECHATROLINK-II below supported
• W-series Servo Driver with built-in communications functions
• W-series Servo Driver (OMRON) + Communications I/F Unit (YASKAWA)
• Various I/O units (YASKAWA)
• SMARTSTEP Junior Servo Drive
Up to 30 nodes
* When MECHATROLINK-II devices are connected up to 16 nodes (within 30 m) or 15 nodes (within 50m), a
repeater unit is not required. A repeater unit is required to connect MECHATROLINK-II devices more than the
cases described above.
Built-in program language
Dedicated motion control language
Control
Control method
MECHATROLINK-II
• Position commands, Speed commands, Torque commands
Number of controlled
axes
32 axes max.
Physical axes/Virtual axes: 30 axes max. (Either can be selected for each axis)
Dedicated for virtual axes: 2 axes
Operating modes
RUN mode, CPU mode, Tool mode/System (Depending on the tool)
Automatic/Manual Mode
Automatic mode: Executing built-in programs of MC Unit controls motion.
Manual mode: Executing commands from CPU Unit (PC interface area) controls motion.
Note: The Automatic or Manual Mode is set according to the PC Interface area of the CPU Unit.
Control unit
Minimum setting unit
1, 0.1, 0.01, 0.001, 0.0001
Units
mm, inch, deg, pulse
Maximum position command value
-2147483647 to 2147483647 pulses (signed 32-bit)
Mode for unlimited axes feeding is possible.
Example: With 16-bit encoder (65536 pulse/rev), Minimum setting unit: 0.001 mm, 10 mm/rev, the position
command value range will be from -327679999 to 327679999 command units.
Control operations
based on com-
mands from the
CPU Unit
Servo lock/unlock
Executes Servo driver lock or unlock
Jogging
Executes continuous feeding independently for each axis, by means of speed set in system parameter x over-
ride.
STEP operation
Feeds a specified distance for a specified axis.
Origin search
Defines the machines origin according to the search method set in the system parameters.
Forced origin
Forcibly sets the present position to 0 to establish it as the origin.
Absolute origin setting
Sets the origin when an absolute encoder is used.
Offset value: Signed 32-bit (pulses)
Error counter reset
Forcibly resets the error counter to 0.
Present position preset
Sets the present position to a user-specified value.
Machine lock
Prohibits the output of motion commands to the axes.
Single block
Executes the motion program one block at a time.
Auto/manual change
Switches between auto mode and manual mode.


Similar Part No. - FNY-PL2910

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
FNY-PL2910 OMRON-FNY-PL2910 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Similar Description - FNY-PL2910

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
NXP Semiconductors
AN10829 PHILIPS-AN10829_15 Datasheet
514Kb / 22P
   SSL2101 dimmable high efficiency flyback design
Rev. 3-22 June 2011
logo
Astrodyne Corporation
WSA430 ASTRODYNE-WSA430 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
WSA533 ASTRODYNE-WSA533 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
logo
Littelfuse
250R080 LITTELFUSE-250R080 Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
logo
List of Unclassifed Man...
ISIS ETC2-ISIS Datasheet
485Kb / 2P
   x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
logo
Delta Electronics, Inc.
DPS-150AB-15 DELTA-DPS-150AB-15 Datasheet
667Kb / 2P
   Active PFC design, which can improve the performance on ripple noise and also be benefit for saving energy.
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Axiomtek Co., Ltd.
RBOX100 AXIOMTEK-RBOX100 Datasheet
357Kb / 2P
   Fanless and cableless design
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com