Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3X-DA41AT-S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3X-DA41AT-S
Description  Super Dual Fiber Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DA41AT-S Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3X-DA41AT-S Datasheet HTML 1Page - Omron Electronics LLC E3X-DA41AT-S Datasheet HTML 2Page - Omron Electronics LLC E3X-DA41AT-S Datasheet HTML 3Page - Omron Electronics LLC E3X-DA41AT-S Datasheet HTML 4Page - Omron Electronics LLC E3X-DA41AT-S Datasheet HTML 5Page - Omron Electronics LLC E3X-DA41AT-S Datasheet HTML 6Page - Omron Electronics LLC E3X-DA41AT-S Datasheet HTML 7Page - Omron Electronics LLC E3X-DA41AT-S Datasheet HTML 8Page - Omron Electronics LLC E3X-DA41AT-S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Patent Pending
Large, Easy-to-Read Displays: Clear Even from a Distance
Incident level
Threshold level
Function
Setting
Industry's largest
characters: 6 mm
(like earlier models)
Function numbers
added to function
items.
Settings are now reversible.
Seven Convenient Display Formats
An incident level/threshold display, percentage/threshold display, and large bar graph display
have been added, so you can select the best display method for the application.
Display the peak level when light was brightest and bottom level when light was
dimmest. The digital levels of high-speed objects can be read precisely.
(Refreshing the hold level was changed from a fixed time to synchronizing with
the output, so the peak and bottom hold values can be checked with certainty.)
Threshold
level
Patent Pending
Without workpiece
With workpiece
Transparent workpiece
Incident level
does not change.
Incident level changes.
Detection is not possible
Incident level
Threshold level
Incident level
Threshold level
Bar display
4
5
Industry's First Power Tuning Function in a Digital Sensor.
Settings can be made more simply and confident-
ly with two digital displays. For example, the
threshold value can be changed while reading the
incident level or a setting can be changed while
confirming the setting's function item number.
The displays are large and easy-to-read,
despite the small case.
High-speed mode
Short-distance mode
Standard mode
Long-distance mode
Super-long-distance mode
The best mode for each application was
selected from several power modes.
The Sensor can be used immediately without
setting the mode.
If the incident light level is too high or too low,
just press the Mode key to achieve the optimum
status.
Change the threshold level while read-
ing the incident level.
Verify the difference between the inci-
dent level and threshold level while set-
ting the threshold level.
Check the incident level intuitively. Ideal
when it is better to view an analog dis-
play instead of the actual digital level.
Incident level
Peak hold
Simultaneously display the peak hold level and
present incident level. The optical axis can be
adjusted more easily and surely by checking the
peak hold level while adjusting the optical axis.
Incident Level/Threshold Display
Percentage/Threshold Display
Large Bar Graph Display
Detecting missing tablets
RUN mode
SET mode
Incident Level/Peak Hold Display
Peak Hold/Bottom Hold Display
1350
1280
2010
2055
Incident level Threshold level
Press
Press
Earlier Method
New Method
Earlier Method
New Method
Large, bright
operation indicator
(like earlier models)
Power tuning indicator added
to indicate setting status.
No power modes
Up to 1/25 reduction
Up to 5-fold increase
Detection is possible.
Press
No incident light
Incident light
No complicated mode settings.
Troublesome power adjustments have been eliminated, so it isn't necessary
to select from power mode settings, such as long-distance mode, standard
mode, and short-distance mode. When the MODE Key is pressed once, the
power tuning function shifts the power level so that the present incident level
is set to the ideal level (2000 on the digital display.)
Insufficient light or saturation at short distances can be corrected.
The power tuning range is extended to the allowable limits to eliminate prob-
lems such as insufficient light or detection failures due to saturation.
If the installation distance is too short, the incident light may saturate (i.e., to
a digital incident level of 4,000), preventing detection. The power can be
tuned down to 1/25th of the default setting for stable detection even at close
range.
Variations between different Sensors can be eliminated.
Threshold levels had to be set and maintained separately for individual Sen-
sors due to variations in the digital light levels measured by each Sensor.
With power tuning, the incident level can be fine-tuned so the same thresh-
old level can be set for each Sensor in an application. Maintenance is also
simplified because it is easier to recognize measurement levels that have
shifted during operation.
Appropriate
Appropriate
Saturated
Saturated
Incident
insufficient
Digital light levels vary due to individual
differences in the Sensors, so the
threshold levels must be set individually.
All of the Amplifiers are set to the same digi-
tal light level, so the same threshold level
can be set and maintained for the Sensors.


Similar Part No. - E3X-DA41AT-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA41AT-S OMRON-E3X-DA41AT-S Datasheet
5Mb / 35P
   Evolution and Perfection The next-generation platform for a wide range of sensing
More results

Similar Description - E3X-DA41AT-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS-V21 ETC1-FS-V21 Datasheet
416Kb / 4P
   DUAL DIGITAL FIBER SENSOR
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-RT-2492 PF-MLV41-LL-RT-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
logo
FOTEK CONTROLS CO., LTD...
VF-06R FOTEK-VF-06R Datasheet
1,023Kb / 2P
   Twin trimmer Fiber sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com