Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22-TG-11A Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A22-TG-11A
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22-TG-11A Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A22-TG-11A Datasheet HTML 2Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 3Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 4Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 5Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 6Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 7Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 8Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 9Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
A22
Ordering Information
Subassembled .......................The Pushbutton, Lamp, or Switch can be ordered separately. Use them in combination for models that are not
available as assembled Units. These can also be used as inventory for maintenance parts.
Lighted Models
Lighted Models
Non-lighted Models
(without Voltage Reduction Unit)
(with Voltage Reduction Unit)
Pushbutton
Pushbutton
Pushbutton
Lamp
Lamp
Switch
Switch (without Voltage Reduction Unit)
Switch (with Voltage Reduction Unit)
Incandescent
lamp
LED
LED
Ordering set combinations: Refer to pages 3 to 6.
■ Ratings, characteristics, and dimensions: See pages 13 to 16.
■ Accessories and tools: See pages 10 to 12.
http://www.ia.omron.com/
7
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22-TG-11A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TG OMRON-A22-TG Datasheet
223Kb / 13P
   Pushbutton Switch
More results

Similar Description - A22-TG-11A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com