Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJA138K Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJA138K
Description  50V N-Channel Enhancement Mode MOSFET ??ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA138K Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJA138K Datasheet HTML 1Page - Pan Jit International Inc. PJA138K Datasheet HTML 2Page - Pan Jit International Inc. PJA138K Datasheet HTML 3Page - Pan Jit International Inc. PJA138K Datasheet HTML 4Page - Pan Jit International Inc. PJA138K Datasheet HTML 5Page - Pan Jit International Inc. PJA138K Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJA138K
March 25,2013-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
50
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
0.8
1.0
1.5
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=500mA
-
0.93
1.6
VGS=4.5V,ID=200mA
-
1.2
2.5
VGS=2.5V,ID=100mA
-
2.4
4.5
Zero Gate Voltage Drain Current
IDSS
VDS=50V,VGS=0V
-
0.01
1
uA
Gate-Source Leakage Current
IGSS
VGS=+20V,VDS=0V
-
+3.0
+10
uA
Dynamic
Total Gate Charge
Qg
VDS=25V, ID=250mA,
VGS=4.5V
(Note 1,2)
-
0.63
1
nC
Gate-Source Charge
Qgs
-
0.2
-
Gate-Drain Charge
Qgd
-
0.23
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHZ
-
-
50
pF
Output Capacitance
Coss
-
-
10
Reverse Transfer Capacitance
Crss
-
-
5
Switching
Turn-On Delay Time
td(on)
VDD=25V, ID=500mA,
VGS=10V,
RG=6Ω
(Note 1,2)
-
2.2
5
ns
Turn-On Rise Time
tr
19.2
38
Turn-Off Delay Time
td(off)
6.2
12
Turn-Off Fall Time
tf
-
23
50
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
500
mA
Diode Forward Voltage
VSD
IS=500mA, VGS=0V
0.86
1.5
V
NOTES:
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics.
3.
RΘJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins. mounted on a 1 inch square pad of copper


Similar Part No. - PJA138K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA138K-AU PANJIT-PJA138K-AU Datasheet
378Kb / 6P
   50V N-Channel Enhancement Mode MOSFET – ESD Protected
August 26,2019-REV.01
PJA138K-AU_R1_000A1 PANJIT-PJA138K-AU_R1_000A1 Datasheet
378Kb / 6P
   50V N-Channel Enhancement Mode MOSFET – ESD Protected
August 26,2019-REV.01
PJA138K PANJIT-PJA138K_14 Datasheet
371Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results

Similar Description - PJA138K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BSS138 PANJIT-BSS138_14 Datasheet
151Kb / 5P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJT138K PANJIT-PJT138K Datasheet
292Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7438 PANJIT-PJC7438 Datasheet
344Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7438-AU PANJIT-PJC7438-AU Datasheet
462Kb / 6P
   50V N-Channel Enhancement Mode MOSFET – ESD Protected
December 9,2021
BSS138 PANJIT-BSS138 Datasheet
114Kb / 5P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJX138K PANJIT-PJX138K Datasheet
287Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3438 PANJIT-PJA3438 Datasheet
329Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8838 PANJIT-PJX8838 Datasheet
340Kb / 6P
   50V N-Channel Enhancement Mode MOSFET??ESD Protected
BSS138W PANJIT-BSS138W_14 Datasheet
216Kb / 7P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJA138K PANJIT-PJA138K_14 Datasheet
371Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT138K-AU PANJIT-PJT138K-AU Datasheet
389Kb / 6P
   50V N-Channel Enhancement Mode MOSFET – ESD Protected
May 12,2017-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com