Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1254ASN65T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1254ASN65T1G
Description  Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1254ASN65T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1254ASN65T1G Datasheet HTML 3Page - ON Semiconductor NCP1254ASN65T1G Datasheet HTML 4Page - ON Semiconductor NCP1254ASN65T1G Datasheet HTML 5Page - ON Semiconductor NCP1254ASN65T1G Datasheet HTML 6Page - ON Semiconductor NCP1254ASN65T1G Datasheet HTML 7Page - ON Semiconductor NCP1254ASN65T1G Datasheet HTML 8Page - ON Semiconductor NCP1254ASN65T1G Datasheet HTML 9Page - ON Semiconductor NCP1254ASN65T1G Datasheet HTML 10Page - ON Semiconductor NCP1254ASN65T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NCP1254
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
600
650
700
750
800
850
900
125
100
75
50
25
0
−25
−50
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 5.
Figure 6.
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
5
10
15
20
25
30
35
40
2
4
6
8
10
12
14
Figure 7.
Figure 8.
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
8.5
9.0
9.5
10
125
100
75
50
25
0
−25
−50
10.0
10.5
11.0
11.5
12.0
12.5
13.0
14.0
125
100
75
50
25
0
−25
−50
125
100
75
50
25
0
−25
−50
8.0
125
100
75
50
25
0
−25
−50
13.5


Similar Part No. - NCP1254ASN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1250 ONSEMI-NCP1250 Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1250ASN100T1G ONSEMI-NCP1250ASN100T1G Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1250ASN100T1G ONSEMI-NCP1250ASN100T1G Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1250ASN65T1G ONSEMI-NCP1250ASN65T1G Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results

Similar Description - NCP1254ASN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
NCP1255 ONSEMI-NCP1255_13 Datasheet
435Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
June, 2013 ??Rev. 1
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com