Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1254 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1254
Description  Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1254 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1254 Datasheet HTML 1Page - ON Semiconductor NCP1254 Datasheet HTML 2Page - ON Semiconductor NCP1254 Datasheet HTML 3Page - ON Semiconductor NCP1254 Datasheet HTML 4Page - ON Semiconductor NCP1254 Datasheet HTML 5Page - ON Semiconductor NCP1254 Datasheet HTML 6Page - ON Semiconductor NCP1254 Datasheet HTML 7Page - ON Semiconductor NCP1254 Datasheet HTML 8Page - ON Semiconductor NCP1254 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NCP1254
http://onsemi.com
4
Table 3. MAXIMUM RATINGS TABLE
Symbol
Rating
Value
Unit
Vcc
Power Supply voltage, Vcc pin, continuous voltage
−0.3 to 35
V
Maximum voltage on low−power pins CS, FB and OPP
−0.3 to 10
V
VDRV
Maximum voltage on drive pin
−0.3 to Vcc+0.3
V
IOPP
Maximum injected current into the OPP pin
−2
mA
ISCR
Maximum continuous current into the Vcc pin while in latched mode
3
mA
RθJ−A
Thermal Resistance Junction−to−Air
360
°C/W
TJ,max
Maximum Junction Temperature
150
°C
Iscr
Maximum continuous current into Vcc pin when latched
3
mA
Storage Temperature Range
−60 to +150
°C
HBM
Human Body Model ESD Capability (All pins except HV) per JEDEC JESD22−A114F
2
kV
MM
Machine Model ESD Capability (All pins except DRV) per JEDEC JESD22−A115C
200
V
CDM
Charged−Device Model ESD Capability per JEDEC JESD22−C101E
500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.
Table 4. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, Vcc = 12 V unless otherwise noted)
Symbol
Rating
Pin
Min
Typ
Max
Unit
SUPPLY SECTION
VCCON
VCC increasing level at which driving pulses are authorized
5
15.8
18
20
V
VCC(min)
VCC decreasing level at which driving pulses are stopped
5
8
8.8
9.4
V
VCCHYST
Hysteresis VccON−Vcc(min)
5
6
V
VZENER
Clamped Vcc when latched off @ ICC = 500 mA
5
7
V
ICC1
Start−up current
5
15
mA
ICC2
Internal IC consumption with VFB = 3.2 V, FSW = 65 kHz and CL = 0
5
1.4
2.2
mA
ICC3
Internal IC consumption with VFB = 3.2 V, FSW = 65 kHz and CL = 1 nF
5
2.1
3.0
mA
ICC4
Internal IC consumption with VFB = 4.5 V, FSW = 130 kHz and CL = 0
5
1.7
2.5
mA
ICC5
Internal IC consumption with VFB = 4.5 V, FSW = 130 kHz and CL = 1 nF
5
3.1
4.0
mA
ICCstby
Internal IC consumption while in skip mode
(Vcc = 12 V, driving a typical 6−A/600−V MOSFET)
750
mA
ICCLATCH
Current flowing into VCC pin that keeps the controller latched:
Tj = −40°C to 125°C
5
40
mA
Rlim
SCR current−limit series resistor
5
4
kW
DRIVE OUTPUT
Tr
Output voltage rise−time @ CL = 1 nF, 10−90% of output signal
6
40
ns
Tf
Output voltage fall−time @ CL = 1 nF, 10−90% of output signal
6
30
ns
ROH
Source resistance
6
13
W
ROL
Sink resistance
6
6
W
Isource
Peak source current, VGS = 0 V (Note 2)
6
300
mA
Isink
Peak sink current, VGS = 12 V (Note 2)
6
500
mA
2. Guaranteed by design
3. See characterization table for linearity over negative bias voltage – we recommend keeping the level on pin 3 below −300 mV.
4. A 1−MW resistor is connected from pin 4 to the ground for the measurement.


Similar Part No. - NCP1254

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1250 ONSEMI-NCP1250 Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1250ASN100T1G ONSEMI-NCP1250ASN100T1G Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1250ASN100T1G ONSEMI-NCP1250ASN100T1G Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1250ASN65T1G ONSEMI-NCP1250ASN65T1G Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results

Similar Description - NCP1254

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
NCP1255 ONSEMI-NCP1255_13 Datasheet
435Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
June, 2013 ??Rev. 1
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com