Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SMBJ5932B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 3SMBJ5932B
Description  3.0 Watt Surface Mount Silicon Zener Diodes Low Inductance,Low Profile Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

3SMBJ5932B Datasheet(HTML) 1 Page - Micro Commercial Components

  3SMBJ5932B Datasheet HTML 1Page - Micro Commercial Components 3SMBJ5932B Datasheet HTML 2Page - Micro Commercial Components 3SMBJ5932B Datasheet HTML 3Page - Micro Commercial Components 3SMBJ5932B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
3.3thru 56 Volt Voltage Range
Low Inductance,Low Profile Mounting
Glass Passivated Junction
Available on Tape and Reel
Mechanical Data
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL rating 1
Terminals solderable per MIL-STD-750, Method 2026
Polarity is indicated by cathode band.
Packaging: Standard 12mm Tape (see EIA 481)
Maximum temperature for soldering: 260 C for 10 seconds.
Maximum Ratings @ 25
oC Unless Otherwise Specified
Steady State
Power
Dissipation
Pd
3.0W
Operation and
Storage
Temperature
TJ, TSTG
-55
oC to
+150
oC
2.
Forward Current @ 200mA.
3.
Mounted on 5.0mm
2 (1oz thick) Iand areas.
Lead temperature at TL=75
oC
3SMBJ5913B
THRU
3SMBJ5943B
MCC
www.mccsemi.com
A
B
D
C
E
F
G
H
0.050”
0.106"
0.083”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AA
(SMB) (LEAD FRAME)
3.0 Watt
Surface Mount
Silicon
Zener Diodes
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.1
60
.1
85
4.06
4.70
B.1
30
.1
55
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.0
60
0.76
1..
52
E.
200
.2
20
5.08
5.59
F.0
79
.
096
2.00
2.
44
G.0
75
.0
87
1.
91
2.21
H
.002
.00
80.05
0.
203
TM
Micro Commercial Components
Maximum
Forward
Voltage
(Note:
3)
1 of 4
0
VF
1.5V
(Note:
2)
Revision:
8
20
10/04/13
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.


Similar Part No. - 3SMBJ5932B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3SMBJ5932B MCC-3SMBJ5932B Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5932B MCC-3SMBJ5932B Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - 3SMBJ5932B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5956B-TP MCC-3SMAJ5956B-TP Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B Datasheet
128Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5925BHE3 MCC-3SMAJ5925BHE3 Datasheet
224Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com