Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193-N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM193-N
Description  The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM193-N Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM193-N Datasheet HTML 5Page - Texas Instruments LM193-N Datasheet HTML 6Page - Texas Instruments LM193-N Datasheet HTML 7Page - Texas Instruments LM193-N Datasheet HTML 8Page - Texas Instruments LM193-N Datasheet HTML 9Page - Texas Instruments LM193-N Datasheet HTML 10Page - Texas Instruments LM193-N Datasheet HTML 11Page - Texas Instruments LM193-N Datasheet HTML 12Page - Texas Instruments LM193-N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
www.ti.com
SNOSBJ6E – OCTOBER 1999 – REVISED MARCH 2013
(V
+=5.0 V
DC)
Figure 19. Driving TTL
Figure 20. Squarewave Oscillator
* For large ratios of R1/R2,
D1 can be omitted.
Figure 21. Pulse Generator
Figure 22. Crystal Controlled Oscillator
V* = +30 VDC
+250 mVDC ≤ VC ≤ +50 VDC
700Hz
≤ fo ≤ 100kHz
Figure 23. Two-Decade High Frequency VCO
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Similar Part No. - LM193-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI-LM193-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
More results

Similar Description - LM193-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139-N TI-LM139-N Datasheet
1Mb / 30P
[Old version datasheet]   The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
   consists of four independent voltage comparators
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Seiko Instruments Inc
EG7500B-LS SII-EG7500B-LS Datasheet
445Kb / 25P
   This specification consists of two doucuments as follows
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
   The LM2904 consists of two independent
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Marl International Limi...
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com