Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SMAJ5933B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 3SMAJ5933B
Description  3.0 Watt Surface Mount Silicon Zener Diodes Surface Mount Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

3SMAJ5933B Datasheet(HTML) 2 Page - Micro Commercial Components

  3SMAJ5933B Datasheet HTML 1Page - Micro Commercial Components 3SMAJ5933B Datasheet HTML 2Page - Micro Commercial Components 3SMAJ5933B Datasheet HTML 3Page - Micro Commercial Components 3SMAJ5933B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TL=30C unless otherwise noted) (VF=1.5Volts Max @ IF=200mAdc for all types.)
MCC
Note 1: TOLERANCE AND VOLTAGE DESIGNATION - The type numbers listed indicate a
tolerance of +/- 5%.
TM
Micro Commercial Components
3SMAJ5913B thru 3SMAJ5956B
2 of 4
www.mccsemi.com
Revision: D
2013/04/11


Similar Part No. - 3SMAJ5933B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3SMAJ5933B MCC-3SMAJ5933B Datasheet
128Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5933B MCC-3SMAJ5933B Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes Glass Passivated Junction
3SMAJ5933B MCC-3SMAJ5933B Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5933B MCC-3SMAJ5933B Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - 3SMAJ5933B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5956B-TP MCC-3SMAJ5956B-TP Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B Datasheet
128Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5925BHE3 MCC-3SMAJ5925BHE3 Datasheet
224Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com