Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F2121CKFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F2121CKFP
Description  R8C/20 Group, R8C/21 Group RENESAS MCU
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2121CKFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F2121CKFP Datasheet HTML 4Page - Renesas Technology Corp R5F2121CKFP Datasheet HTML 5Page - Renesas Technology Corp R5F2121CKFP Datasheet HTML 6Page - Renesas Technology Corp R5F2121CKFP Datasheet HTML 7Page - Renesas Technology Corp R5F2121CKFP Datasheet HTML 8Page - Renesas Technology Corp R5F2121CKFP Datasheet HTML 9Page - Renesas Technology Corp R5F2121CKFP Datasheet HTML 10Page - Renesas Technology Corp R5F2121CKFP Datasheet HTML 11Page - Renesas Technology Corp R5F2121CKFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
R8C/20 Group, R8C/21 Group
1. Overview
Rev.2.00 Aug 27, 2008
Page 6 of 41
REJ03B0120-0200
NOTE:
1. Do not use addresses 20000h to 23FFFh because these areas are used for the emulator debugger.
Refer to 23. Notes on Emulator Debugger of Hardware Manual.
Figure 1.3
Type Number, Memory Size, and Package of R8C/21 Group
Table 1.4
Product Information for R8C/21 Group
Current of Aug. 2008
Type No.
ROM Capacity
RAM Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F21216JFP
32 Kbytes
1 Kbyte X 2
2 Kbytes
PLQP0048KB-A
J version
Flash
memory
version
R5F21217JFP
48 Kbytes
1 Kbyte X 2
2.5 Kbytes
PLQP0048KB-A
R5F21218JFP
64 Kbytes
1 Kbyte X 2
3 Kbytes
PLQP0048KB-A
R5F2121AJFP
96 Kbytes
1 Kbyte X 2
5 Kbytes
PLQP0048KB-A
R5F2121CJFP
128 Kbytes(1) 1 Kbyte X 2
6 Kbytes
PLQP0048KB-A
R5F21216KFP
32 Kbytes
1 Kbyte X 2
2 Kbytes
PLQP0048KB-A
K version
R5F21217KFP
48 Kbytes
1 Kbyte X 2
2.5 Kbytes
PLQP0048KB-A
R5F21218KFP
64 Kbytes
1 Kbyte X 2
3 Kbytes
PLQP0048KB-A
R5F2121AKFP
96 Kbytes
1 Kbyte X 2
5 Kbytes
PLQP0048KB-A
R5F2121CKFP
128 Kbytes(1) 1 Kbyte X 2
6 Kbytes
PLQP0048KB-A
Part number
R 5 F 21 21 6 J XXX FP
Package type:
FP: PLQP0048KB-A
(0.5 mm pin-pitch, 7 mm square body)
ROM number
Classification
J: Operating ambient temperature -40°C to 85°C (J version)
K: Operating ambient temperature -40°C to 125°C (K version)
ROM capacity
6: 32 KB
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/21 Group
R8C/2x Series
Memory type
F: Flash memory version
Renesas MCU
Renesas semiconductors


Similar Part No. - R5F2121CKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2121CKFP RENESAS-R5F2121CKFP Datasheet
4Mb / 501P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results

Similar Description - R5F2121CKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C2E RENESAS-R8C2E Datasheet
3Mb / 354P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2K RENESAS-R8C2K Datasheet
4Mb / 471P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C20 RENESAS-R8C20 Datasheet
4Mb / 501P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2A RENESAS-R8C2A Datasheet
6Mb / 609P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2H RENESAS-R8C2H Datasheet
3Mb / 367P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C23 RENESAS-R8C23 Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com