Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78070A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD78070A
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78070A Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD78070A Datasheet HTML 1Page - Renesas Technology Corp UPD78070A Datasheet HTML 2Page - Renesas Technology Corp UPD78070A Datasheet HTML 3Page - Renesas Technology Corp UPD78070A Datasheet HTML 4Page - Renesas Technology Corp UPD78070A Datasheet HTML 5Page - Renesas Technology Corp UPD78070A Datasheet HTML 6Page - Renesas Technology Corp UPD78070A Datasheet HTML 7Page - Renesas Technology Corp UPD78070A Datasheet HTML 8Page - Renesas Technology Corp UPD78070A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
©
1995
DATA SHEET
The information in this document is subject to change without notice.
*
DESCRIPTION
The
µPD78P083 is a member of the µPD78083 subseries of the 78K/0 series products. It includes an on-chip, 24-Kbyte,
one-time PROM or EPROM.
Because this device can be programmed by users, it is ideally suited for applications involving the evaluation of systems
in development stages, small-scale production of many different products, and rapid development and time-to-market of
a new product.
Caution
The
µPD78P083DU does not maintain planned reliability when used in your systems’ mass-produced
products. Please use only experimentally or for evaluation purposes during trial manufacture.
The details of functions are described in the user’s manuals. Be sure to read the following manuals before
designing.
µPD78083 Subseries User's Manual
: IEU-1407
78K/0 Series User's Manual — Instructions
: IEU-1372
FEATURES
• Pin-compatible with mask ROM version (except VPP pin)
• Internal PROM: 24 Kbytes Note
µPD78P083DU: Reprogrammable (ideally suited for system evaluation)
µPD78P083CU, µPD78P083GB: One-time programmable (ideally suited for small-scale production)
• Internal high-speed RAM: 512 bytes Note
• Can be operated in the same supply voltage as the mask ROM version (VDD = 1.8 to 5.5 V)
• Corresponding to QTOPTM Microcontrollers
Note The internal PROM and internal high-speed RAM capacities can be changed by setting the internal memory size
switching register (IMS).
Remark
QTOP microcontroller is a general term for microcontrollers which incorporate one-time PROM and are totally
supported by NEC's programming service (from programming to marking, screening and verification).
Differs from the mask ROM version in the following points
The same memory mapping as the mask ROM version is enabled by setting the internal memory size switching
register (IMS).
In this document, the term PROM is used in parts common to one-time PROM versions and EPROM versions.
µPD78P083
MOS INTEGRATED CIRCUIT
8-BIT SINGLE-CHIP MICROCONTROLLER
Document No. U11006EJ1V0DS00 (1st edition)
(Previous No. IP-3556)
Date Published June 1996 P
Printed in Japan
*
The mark
shows major revised points.


Similar Part No. - UPD78070A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78070A NEC-UPD78070A Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD78070A NEC-UPD78070A Datasheet
552Kb / 58P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78070A NEC-UPD78070A Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78070A NEC-UPD78070A Datasheet
1Mb / 26P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78070A NEC-UPD78070A Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD78070A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com