Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL622-393K-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # RL622-393K-RC
Description  Radial Lead RF Choke DC/DC converters Desktop notebooks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RL622-393K-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  RL622-393K-RC Datasheet HTML 1Page - Bourns Electronic Solutions RL622-393K-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How To Order
RL622 - 102K - RC
Model
Value/Tolerance Code (see table)
Compliance Code
RC = RoHS Compliant
Example:
RL622-102K-RC = 1000 µH, ±10 %
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RL622 Series - Radial Lead RF Choke
Electrical Specifications (@ 25 °C) - Continued
REV. 08/10
Test Frequency
SRF
DCR
Part
Inductance
Q
(MHz)
(
Ω)
I dc
Number
(µH)
Tol.
(Min.)
L
Q
Typ.
Max.
(A)
RL622-333K-RC
33,000
±10 %
30
79.6 KHz
79.6 KHz
0.1
70
0.03
RL622-393K-RC
39,000
±10 %
30
79.6 KHz
79.6 KHz
0.1
80
0.03
RL622-473K-RC
47,000
±10 %
20
79.6 KHz
79.6 KHz
0.1
99
0.03
RL622-563K-RC
56,000
±10 %
20
79.6 KHz
79.6 KHz
0.1
135
0.02
RL622-683K-RC
68,000
±10 %
20
79.6 KHz
79.6 KHz
0.1
150
0.02
RL622-823K-RC
82,000
±10 %
20
79.6 KHz
79.6 KHz
0.1
212
0.02
RL622-104K-RC
100,000
±10 %
20
25.2 KHz
25.2 KHz
0.1
235
0.02


Similar Part No. - RL622-393K-RC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
RL622-150K MICROSEMI-RL622-150K Datasheet
339Kb / 18P
   EVALUATION KIT
More results

Similar Description - RL622-393K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RL822-1R0K-RC BOURNS-RL822-1R0K-RC Datasheet
181Kb / 1P
   Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
RL110-100M-RC BOURNS-RL110-100M-RC Datasheet
883Kb / 1P
   Radial Lead RF Choke
RL181S-102J-RC BOURNS-RL181S-102J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL262-101J-RC BOURNS-RL262-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL855-100M-RC BOURNS-RL855-100M-RC Datasheet
857Kb / 1P
   Radial Lead RF Choke
RL824-100K-RC BOURNS-RL824-100K-RC Datasheet
182Kb / 1P
   Radial Lead RF Choke
RL875S-100L-RC BOURNS-RL875S-100L-RC Datasheet
154Kb / 1P
   Radial Lead RF Choke
RL895-100M-RC BOURNS-RL895-100M-RC Datasheet
1Mb / 1P
   Radial Lead RF Choke
RL187-101J-RC BOURNS-RL187-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
6100-100K-RC BOURNS-6100-100K-RC Datasheet
216Kb / 1P
   Radial Lead RF Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com