Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15BA101 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS15BA101
Description  Data Rates from DC to 1.5 Gbps, Differential or Single-ended Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS15BA101 Datasheet(HTML) 3 Page - Texas Instruments

  DS15BA101 Datasheet HTML 1Page - Texas Instruments DS15BA101 Datasheet HTML 2Page - Texas Instruments DS15BA101 Datasheet HTML 3Page - Texas Instruments DS15BA101 Datasheet HTML 4Page - Texas Instruments DS15BA101 Datasheet HTML 5Page - Texas Instruments DS15BA101 Datasheet HTML 6Page - Texas Instruments DS15BA101 Datasheet HTML 7Page - Texas Instruments DS15BA101 Datasheet HTML 8Page - Texas Instruments DS15BA101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IN+
IN-
GND
RVO
OUT+
OUT-
GND
VCC
1
2
3
4
8
6
5
7
(GND)
DAP
DS15BA101
www.ti.com
SNLS234J – OCTOBER 2006 – REVISED APRIL 2013
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
DRMAX
Maximum Data Rate
See Note(2)
IN+, IN-
1.5
2.0
Gbps
tLHT
Output Low to High Transition
20% – 80%(3)
OUT+, OUT-
120
220
ps
Time
tHLT
Output High to Low Transition
120
220
ps
Time
tPLHD
Propagation Low to High Delay
See Note(2)
0.95
1.10
1.35
ns
tPHLD
Propagation High to Low Delay
See Note(2)
0.95
1.10
1.35
ns
tTJ
Total Jitter
1.5 Gbps
26
psP-P
(1)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(2)
Specification is ensured by characterization.
(3)
Specification is ensured by characterization and verified by test.
CONNECTION DIAGRAM
Figure 1. 8-Pad WSON
See NGQ Package
PIN DESCRIPTIONS
Pin #
Name
Description
1
IN+
Non-inverting input pin.
2
IN-
Inverting input pin.
3
GND
Circuit common (ground reference).
4
RVO
Output voltage amplitude control. Connect a resistor to VCC to set output voltage.
5
VCC
Positive power supply (+3.3V).
6
GND
Circuit common (ground reference).
7
OUT-
Inverting output pin.
8
OUT+
Non-inverting output pin.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS15BA101


Similar Part No. - DS15BA101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15BA101 NSC-DS15BA101 Datasheet
229Kb / 10P
   1.5 Gbps Differential Buffer with Adjustable Output Voltage
DS15BA101SD NSC-DS15BA101SD Datasheet
229Kb / 10P
   1.5 Gbps Differential Buffer with Adjustable Output Voltage
DS15BA101SDX NSC-DS15BA101SDX Datasheet
229Kb / 10P
   1.5 Gbps Differential Buffer with Adjustable Output Voltage
DS15BA101 NSC-DS15BA101_07 Datasheet
229Kb / 10P
   1.5 Gbps Differential Buffer with Adjustable Output Voltage
More results

Similar Description - DS15BA101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Maxim Integrated Produc...
MAX12931BSEVKIT MAXIM-MAX12931BSEVKIT Datasheet
4Mb / 20P
   Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16
MAX22445FWEVKIT MAXIM-MAX22445FWEVKIT Datasheet
1Mb / 12P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 3/18
MAX22345CSEVKIT MAXIM-MAX22345CSEVKIT Datasheet
1Mb / 12P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 10/18
MAX12935FWEVKIT MAXIM-MAX12935FWEVKIT Datasheet
1Mb / 9P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX14434FWEVKIT MAXIM-MAX14434FWEVKIT Datasheet
1Mb / 11P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX14430FSEVKIT MAXIM-MAX14430FSEVKIT Datasheet
1Mb / 11P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 3; 9/20
MAX12934BWEVKIT MAXIM-MAX12934BWEVKIT Datasheet
1Mb / 9P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 8/20
MAX14436FWEVKIT MAXIM-MAX14436FWEVKIT Datasheet
1Mb / 11P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com