Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2801C-1-F3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS2801C-1-F3
Description  HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801C-1-F3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS2801C-1-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2801C-1-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2801C-1-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2801C-1-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2801C-1-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2801C-1-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2801C-1-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2801C-1-F3 Datasheet HTML 9Page - Renesas Technology Corp PS2801C-1-F3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PS2801C-1, PS2801C-4e
R08DS0072EJ0400 Rev.4.00
Page 6 of 12
Jan 9, 2013
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
100
80
60
40
20
0
PS2801C-1
PS2801C-4
0.8 mW/
°C
0.6 mW/
°C
0
25
50
75
100
125
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
160
120
80
40
0
PS2801C-1
PS2801C-4
1.2 mW/
°C
0
25
50
75
100
125
Ambient Temperature TA (
°C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
50
10
5
1
0.5
0.1
0
°C
–25
°C
–55
°C
+60
°C
+25
°C
TA = +100
°C
0.05
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
30
25
20
15
10
5
0
024
68
10
IF = 10 mA
5 mA
2 mA
1 mA
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Ambient Temperature TA (
°C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
10 000
1 000
100
10
1
0
25
50
75
100
24 V
70 V
VCE = 80 V
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
10
1
0.1
0
0.2
0.4
0.6
0.8
1.0
IF = 10 mA
5 mA
2 mA
1 mA
CTR = 200%
CTR = 250%
CTR = 250%
Remark The graphs indicate nominal characteristics.
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2801C-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801C-1-F3 CEL-PS2801C-1-F3 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-F3 RENESAS-PS2801C-1-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
More results

Similar Description - PS2801C-1-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-P-A RENESAS-PS2801C-1-P-A Datasheet
538Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com