Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA188 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA188
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188 Datasheet(HTML) 5 Page - Texas Instruments

  OPA188_13 Datasheet HTML 1Page - Texas Instruments OPA188_13 Datasheet HTML 2Page - Texas Instruments OPA188_13 Datasheet HTML 3Page - Texas Instruments OPA188_13 Datasheet HTML 4Page - Texas Instruments OPA188_13 Datasheet HTML 5Page - Texas Instruments OPA188_13 Datasheet HTML 6Page - Texas Instruments OPA188_13 Datasheet HTML 7Page - Texas Instruments OPA188_13 Datasheet HTML 8Page - Texas Instruments OPA188_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
OPA188
www.ti.com
SBOS642A – MARCH 2013 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS:
Low-Voltage Operation, VS = ±2 V to < ±4 V (VS = +4 V to < +8 V)
At TA = +25°C, RL = 10 kΩ connected to VS / 2
(1), and V
CM = VOUT = VS / 2
(1), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
±6
±25
μV
VOS
Input offset voltage
TA = –40°C to +125°C
±0.03
±0.085
μV/°C
VS = 4 V to 36 V,
PSRR
Power-supply rejection ratio
0.075
0.3
μV/V
TA = –40°C to +125°C
Long-term stability(2)
4
μV
INPUT BIAS CURRENT
±160
±1400
pA
IB
Input bias current
TA = –40°C to +125°C
±8
nA
±320
±2800
pA
IOS
Input offset current
TA = –40°C to +125°C
±4
nA
NOISE
f = 0.1 Hz to 10 Hz
250
nVPP
en
Input voltage noise
f = 0.1 Hz to 10 Hz
40
nVrms
Input voltage noise density
f = 1 kHz
8.8
nV/
√Hz
in
Input current noise density
f = 1 kHz
7
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = –40°C to +125°C
V–
(V+) – 1.5
V
(V–) < VCM < (V+) – 1.5 V
106
114
dB
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
114
120
dB
CMRR
Common-mode rejection ratio
VS = ±2 V
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
110
120
dB
VS = ±2 V, TA = –40°C to +125°C
INPUT IMPEDANCE
ZID
Differential
100 || 6
M
Ω || pF
ZIC
Common-mode
6 || 9.5
1012
Ω || pF
OPEN-LOOP GAIN
(V–) + 0.5 V < VO < (V+) – 0.5 V,
110
120
dB
RL = 5 kΩ
AOL
Open-loop voltage gain
(V–) + 0.5 V < VO < (V+) – 0.5 V
120
130
dB
(V–) + 0.5 V < VO < (V+) – 0.5 V,
110
120
dB
TA = –40°C to +125°C
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
2
MHz
SR
Slew rate
G = +1
0.8
V/
μs
tOR
Overload recovery time
VIN × G = VS
1
μs
THD+N
Total harmonic distortion + noise
1 kHz, G = 1, VOUT = 1 Vrms
0.0001%
(1)
VS / 2 = midsupply.
(2)
1000-hour life test at +125°C demonstrated randomly distributed variation in the range of measurement limits—approximately 4
μV.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA188


Similar Part No. - OPA188_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results

Similar Description - OPA188_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com