Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZMC18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TZMC18
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZMC18 Datasheet(HTML) 3 Page - Vishay Siliconix

  TZMC18 Datasheet HTML 1Page - Vishay Siliconix TZMC18 Datasheet HTML 2Page - Vishay Siliconix TZMC18 Datasheet HTML 3Page - Vishay Siliconix TZMC18 Datasheet HTML 4Page - Vishay Siliconix TZMC18 Datasheet HTML 5Page - Vishay Siliconix TZMC18 Datasheet HTML 6Page - Vishay Siliconix TZMC18 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TZM-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 22-Nov12
3
Document Number: 84122
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Additional measurement of voltage group TZMB9V1 to TZMB75, IR at 95 % VZmin.  35 nA at Tj = 25 °C
(1) at Tj = 150 °C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
IR (1) at VR
ZZ at IZT1 ZZK at IZT2
TKVZ
V
mA
μA
V
μA
V
%/K
MIN.
NOM. MAX.
TYP.
TYP.
MIN.
MAX.
TZMB2V4
2.35
2.4
2.45
5
1
< 50
1
< 100
1
< 85
< 600
- 0.09
- 0.06
TZMB2V7
2.64
2.7
2.76
5
1
< 10
1
< 50
1
< 85
< 600
- 0.09
- 0.06
TZMB3V0
2.94
3.0
3.06
5
1
< 4
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMB3V3
3.24
3.3
3.36
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMB3V6
3.52
3.6
3.68
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMB3V9
3.82
3.9
3.98
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMB4V3
4.22
4.3
4.38
5
1
< 1
1
< 20
1
< 90
< 600
- 0.06
- 0.03
TZMB4V7
4.6
4.7
4.8
5
1
< 0.5
1
< 10
1
< 80
< 600
- 0.05
0.02
TZMB5V1
5
5.1
5.2
5
1
< 0.1
1
< 2
1
< 60
< 550
- 0.02
0.02
TZMB5V6
5.48
5.6
5.72
5
1
< 0.1
1
< 2
1
< 40
< 450
- 0.05
0.05
TZMB6V2
6.08
6.2
6.32
5
1
< 0.1
2
< 2
2
< 10
< 200
0.03
0.06
TZMB6V8
6.66
6.8
6.94
5
1
< 0.1
3
< 2
3
< 8
< 150
0.03
0.07
TZMB7V5
7.35
7.5
7.65
5
1
< 0.1
5
< 2
5
< 7
< 50
0.03
0.07
TZMB8V2
8.04
8.2
8.36
5
1
< 0.1
6.2
< 2
6.2
< 7
< 50
0.03
0.08
TZMB9V1
8.92
9.1
9.28
5
1
< 0.1
6.8
< 2
6.8
< 10
< 50
0.03
0.09
TZMB10
9.8
10
10.2
5
1
< 0.1
7.5
< 2
7.5
< 15
< 70
0.03
0.1
TZMB11
10.78
11
11.22
5
1
< 0.1
8.2
< 2
8.2
< 20
< 70
0.03
0.11
TZMB12
11.76
12
12.24
5
1
< 0.1
9.1
< 2
9.1
< 20
< 90
0.03
0.11
TZMB13
12.74
13
13.26
5
1
< 0.1
10
< 2
10
< 26
< 110
0.03
0.11
TZMB15
14.7
15
15.3
5
1
< 0.1
11
< 2
11
< 30
< 110
0.03
0.11
TZMB16
15.7
16
16.3
5
1
< 0.1
12
< 2
12
< 40
< 170
0.03
0.11
TZMB18
17.64
18
18.36
5
1
< 0.1
13
< 2
13
< 50
< 170
0.03
0.11
TZMB20
19.6
20
20.4
5
1
< 0.1
15
< 2
15
< 55
< 220
0.03
0.11
TZMB22
21.55
22
22.45
5
1
< 0.1
16
< 2
16
< 55
< 220
0.04
0.12
TZMB24
23.5
24
24.5
5
1
< 0.1
18
< 2
18
< 80
< 220
0.04
0,12
TZMB27
26.4
27
27.6
5
1
< 0.1
20
< 2
20
< 80
< 220
0.04
0.12
TZMB30
29.4
30
30.6
5
1
< 0.1
22
< 2
22
< 80
< 220
0.04
0.12
TZMB33
32.4
33
33.6
5
1
< 0.1
24
< 2
24
< 80
< 220
0.04
0.12
TZMB36
35.3
36
36.7
5
1
< 0.1
27
< 2
27
< 80
< 220
0.04
0.12
TZMB39
38.2
39
39.8
2.5
1
< 0.1
30
< 5
30
< 90
< 500
0.04
0.12
TZMB43
42.1
43
43.9
2.5
0.5
< 0.1
33
< 5
33
< 90
< 600
0.04
0.12
TZMB47
46.1
47
47.9
2.5
0.5
< 0.1
36
< 5
36
< 110
< 700
0.04
0.12
TZMB51
50
51
52
2.5
0.5
< 0.1
39
< 10
39
< 125
< 700
0.04
0.12
TZMB56
54.9
56
57.1
2.5
0.5
< 0.1
43
< 10
43
< 135
< 1000
0.04
0.12
TZMB62
60.8
62
63.2
2.5
0.5
< 0.1
47
< 10
47
< 150
< 1000
0.04
0.12
TZMB68
66.6
68
69.4
2.5
0.5
< 0.1
51
< 10
51
< 200
< 1000
0.04
0.12
TZMB75
73.5
75
76.5
2.5
0.5
< 0.1
56
< 10
56
< 250
< 1500
0.04
0.12


Similar Part No. - TZMC18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZMC18 VISHAY-TZMC18 Datasheet
76Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZMC18 VISHAY-TZMC18 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
logo
TAITRON Components Inco...
TZMC18 TAITRON-TZMC18 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZMC18 VISHAY-TZMC18 Datasheet
87Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZMC18 VISHAY-TZMC18 Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
More results

Similar Description - TZMC18

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com