Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADMP510ACEZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP510ACEZ-RL
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP510ACEZ-RL Datasheet(HTML) 1 Page - Analog Devices

  ADMP510ACEZ-RL Datasheet HTML 1Page - Analog Devices ADMP510ACEZ-RL Datasheet HTML 2Page - Analog Devices ADMP510ACEZ-RL Datasheet HTML 3Page - Analog Devices ADMP510ACEZ-RL Datasheet HTML 4Page - Analog Devices ADMP510ACEZ-RL Datasheet HTML 5Page - Analog Devices ADMP510ACEZ-RL Datasheet HTML 6Page - Analog Devices ADMP510ACEZ-RL Datasheet HTML 7Page - Analog Devices ADMP510ACEZ-RL Datasheet HTML 8Page - Analog Devices ADMP510ACEZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RF Hardened, Ultralow Noise Microphone
with Bottom Port and Analog Output
Data Sheet
ADMP510
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Tiny, 3.35 mm × 2.5 mm × 0.98 mm surface-mount package
Noninverted signal output
Omnidirectional response
High SNR of 65 dBA
Sensitivity of −38 dBV
Sensitivity tolerance of ±2 dB
Extended frequency response from 60 Hz to 20 kHz
Enhanced radio frequency (RF) performance
Acoustic overload point of 124 dB SPL
Low current consumption of 180 µA
Single-ended analog output
High PSR of −78 dBV
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Smartphones and feature phones
Tablet computers
Teleconferencing systems
Digital still and video cameras
Bluetooth headsets
Notebook PCs
Security and surveillance
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
AMPLIFIER
ADMP510
POWER
VDD GND
OUTPUT
Figure 1.
Figure 2. Isometric Views of the Microphone Package
GENERAL DESCRIPTION
The ADMP5101 is an RF hardened, analog output, bottom-ported,
omnidirectional MEMS microphone with high performance,
ultralow noise, and low power. The ADMP510 consists of a MEMS
microphone element, an impedance converter, and an output
amplifier. The ADMP510 sensitivity specification makes it an
excellent choice for both near-field and far-field applications.
The ADMP510 is pin compatible with the ADMP504 microphone.
The ADMP510 has a very high signal-to-noise ratio (SNR)
and extended wideband frequency response, resulting in natural
sound with high intelligibility. Low current consumption enables
long battery life for portable applications.
The ADMP510 is available in an ultraminiature 3.35 mm ×
2.5 mm × 0.98 mm surface-mount package. It is reflow solder
compatible with no sensitivity degradation.
1
Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897. Other patents are pending.


Similar Part No. - ADMP510ACEZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP504 AD-ADMP504 Datasheet
273Kb / 12P
   Ultralow Noise Microphone
REV. 0
ADMP504ACEZ AD-ADMP504ACEZ Datasheet
273Kb / 12P
   Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
ADMP504ACEZ-RL AD-ADMP504ACEZ-RL Datasheet
273Kb / 12P
   Ultralow Noise Microphone
REV. 0
ADMP504ACEZ-RL AD-ADMP504ACEZ-RL Datasheet
273Kb / 12P
   Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
ADMP504ACEZ-RL7 AD-ADMP504ACEZ-RL7 Datasheet
273Kb / 12P
   Ultralow Noise Microphone
REV. 0
More results

Similar Description - ADMP510ACEZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP504ACEZ AD-ADMP504ACEZ Datasheet
273Kb / 12P
   Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
logo
TDK Electronics
INMP510 TDK-INMP510 Datasheet
427Kb / 13P
   RF-Hardened, Ultra-Low Noise Microphone with Bottom Port and Analog Output
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
   Hardened, Low-Noise Microphone with Bottom Port and Analog Output
ICS-40181 TDK-ICS-40181 Datasheet
405Kb / 14P
   RF-Hardened, Low-Noise Microphone with Top Port and Analog Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
   Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com