Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C47P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZD27C47P
Description  Zener Diodes with Surge Current Specification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZD27C47P Datasheet(HTML) 4 Page - Vishay Siliconix

  BZD27C47P Datasheet HTML 1Page - Vishay Siliconix BZD27C47P Datasheet HTML 2Page - Vishay Siliconix BZD27C47P Datasheet HTML 3Page - Vishay Siliconix BZD27C47P Datasheet HTML 4Page - Vishay Siliconix BZD27C47P Datasheet HTML 5Page - Vishay Siliconix BZD27C47P Datasheet HTML 6Page - Vishay Siliconix BZD27C47P Datasheet HTML 7Page - Vishay Siliconix BZD27C47P Datasheet HTML 8Page - Vishay Siliconix BZD27C47P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 85810
Rev. 1.8, 13-Apr-05
BZD27C3V6P to BZD27C200P
Vishay Semiconductors
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Typ. Diode Capacitance vs. Reverse Voltage
Figure 3. Power Dissipation vs. Ambient Temperature
0.10
1.00
10.00
0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6
17411
VF – Forward Voltage ( V )
Typ. VF
Max. VF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
17412
10000
1000
10
100
VR – Reverse Voltage (V)
C5V1P
C6V8P
C12P
C27P
C51P
C200P
C18P
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Tamb – Ambient Temperature ( C )
17413
ambient temperature
tie point temperature
Figure 4. Maximum Pulse Power Dissipation vs. Zener Voltage
Figure 5. Non-Repetitive Peak Reverse Current Pulse Definition
0
20
40
60
80
100
120
140
160
0
25
50
75
100 125 150 175 200
VZnom – Zener Voltage ( V )
17414
17415
t
IRSM
100
90
50
10
t1
t2
(%)
t1 = 10
µs
t2 = 1000
µ s


Similar Part No. - BZD27C47P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C47P VAISH-BZD27C47P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C47P SUNMATE-BZD27C47P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C47P TSC-BZD27C47P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
BZD27C47P TSC-BZD27C47P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
BZD27C47P TSC-BZD27C47P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C47P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com