Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2TO035C48701FRE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # D2TO035C48701FRE3
Description  Surface Mount Power Resistor Thick Film Technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2TO035C48701FRE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  D2TO035C48701FRE3 Datasheet HTML 1Page - Vishay Siliconix D2TO035C48701FRE3 Datasheet HTML 2Page - Vishay Siliconix D2TO035C48701FRE3 Datasheet HTML 3Page - Vishay Siliconix D2TO035C48701FRE3 Datasheet HTML 4Page - Vishay Siliconix D2TO035C48701FRE3 Datasheet HTML 5Page - Vishay Siliconix D2TO035C48701FRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
D2TO35
www.vishay.com
Vishay Sfernice
Revision: 22-Apr-13
5
Document Number: 51058
For technical questions, contact: sfer@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
D2TO
35
C
100 k
± 1 %
XXX
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE
VALUE
TOLERANCE
CUSTOM DESIGN
LEAD (Pb)-FREE
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
Optional on request:
Shape, etc.
SAP PART NUMBERING GUIDELINES
GLOBAL
MODEL
SIZE
LEADS
OHMIC VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
D2TO
035
C = Surface mount
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R
designates
decimal
point.
48R70 = 48.7

48701 = 48 700

10002 = 100 000

R0100 = 0.01

R6800 = 0.68

27000 = 2700
 = 2.7 k
F = 1 %
G = 2 %
J = 5 %
K = 10 %
R = Reel 500 pieces
T = Tube 50 pieces
E3 = Pure tin
035
C
R
20
0
R
3
T
D
O
2
0K
E


Similar Part No. - D2TO035C48701FRE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO035C10R00FTE3 VISHAY-D2TO035C10R00FTE3 Datasheet
142Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
Revision: 31-Oct-13
D2TO035CR2000KRE3 VISHAY-D2TO035CR2000KRE3 Datasheet
107Kb / 5P
   Surface Mounted Power Resistor Thick Film Technology
Revision: 19-Jul-11
More results

Similar Description - D2TO035C48701FRE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20_V01 Datasheet
137Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
01-Jan-2022
D2TO035C10R00FTE3 VISHAY-D2TO035C10R00FTE3 Datasheet
142Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
Revision: 31-Oct-13
D2TO20 VISHAY-D2TO20_15 Datasheet
139Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
Revision: 10-Feb-15
D2TO35 VISHAY-D2TO35_15 Datasheet
125Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
Revision: 23-Sep-15
DTO25 VISHAY-DTO25_V01 Datasheet
186Kb / 7P
   Surface Mounted Power Resistor Thick Film Technology
01-Jan-2022
DTO35 VISHAY-DTO35_V01 Datasheet
130Kb / 6P
   Surface Mounted Power Resistor Thick Film Technology
01-Jan-2022
D2TO20 VISHAY-D2TO20 Datasheet
96Kb / 5P
   Surface Mounted Power Resistor Thick Film Technology
Revision: 10-Feb-15
D2TO35 VISHAY-D2TO35 Datasheet
107Kb / 5P
   Surface Mounted Power Resistor Thick Film Technology
Revision: 19-Jul-11
DTO35 VISHAY-DTO35 Datasheet
135Kb / 6P
   Surface Mounted Power Resistor Thick Film Technology
DTO25 VISHAY-DTO25 Datasheet
154Kb / 6P
   Surface Mounted Power Resistor Thick Film Technology
Revision: 23-Sep-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com