Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0303 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH0303
Description  3 Gbps HD/SD SDI Cable Driver with Cable Detect
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0303 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH0303_13 Datasheet HTML 2Page - Texas Instruments LMH0303_13 Datasheet HTML 3Page - Texas Instruments LMH0303_13 Datasheet HTML 4Page - Texas Instruments LMH0303_13 Datasheet HTML 5Page - Texas Instruments LMH0303_13 Datasheet HTML 6Page - Texas Instruments LMH0303_13 Datasheet HTML 7Page - Texas Instruments LMH0303_13 Datasheet HTML 8Page - Texas Instruments LMH0303_13 Datasheet HTML 9Page - Texas Instruments LMH0303_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LMH0303
SNLS285G – APRIL 2008 – REVISED APRIL 2013
www.ti.com
DEVICE OPERATION
INPUT INTERFACING
The LMH0303 accepts either differential or single-ended input. For single-ended operation, the unused input
must be properly terminated.
OUTPUT INTERFACING
The LMH0303 uses current mode outputs. Single-ended output levels are 800 mVP-P into 75Ω AC-coupled
coaxial cable with an RREF resistor of 750Ω. The RREF resistor is connected between the RREF pin and VCC. The
only resistor value that should be used for RREF is 750Ω.
The RREF resistor should be placed as close as possible to the RREF pin. In addition, the copper in the plane
layers below the RREF network should be removed to minimize parasitic capacitance.
OUTPUT SLEW RATE CONTROL
The LMH0303 output rise and fall times are selectable for either SMPTE 259M or SMPTE 424M / 292M
compliance via the SD/HD pin. For slower rise and fall times, or SMPTE 259M compliance, SD/HD is set high.
For faster rise and fall times, or SMPTE 424M and SMPTE 292M compliance, SD/HD is set low. SD/HD may
also be controlled using the SMBus, provided the SD/HD pin is held low. SD/HD has an internal pulldown.
OUTPUT ENABLE
The SDO/SDO output driver can be enabled or disabled with the ENABLE pin. When set low, the output driver is
powered off and the LMH0303 enters a deep power save mode. ENABLE has an internal pullup.
INPUT LOS OF SIGNAL DETECTION (LOS)
The LMH0303 detects when the input signal does not have a video-like pattern. Self oscillation and low levels of
noise are rejected. This loss of signal detect allows a very sensitive input stage that is robust against coupled
noise without any degradation of jitter performance.
Via the SMBus, the loss of signal detect can either add an input offset or mute the outputs. An offset is added by
default. Additionally, the loss of signal detect can be linked to the ENABLE functionality so that when the LOS
goes low, ENABLE will also go low.
OUTPUT CABLE DETECTION
The LMH0303 detects when an output is locally terminated. When a video signal (or AC test signal) is present on
SDI, the device senses the SDO and SDO amplitudes. If the output is not properly terminated (via a terminated
cable or local termination), the amplitude will be higher than expected, and the Termination Fault signal is
asserted. The Termination Fault signal is de-asserted when the proper termination is applied. This feature allows
the system designer the flexibility to react to cable attachment and removal. Note that a long length of cable will
look like a proper termination at the device output.
The cable driver must be enabled for the termination detection to operate. If the Termination Fault will be used to
power down the LMH0303, then periodic polling (enabling) is recommended to monitor the output termination.
For example, when a Fault condition is triggered, ENABLE can be driven low to power down the device. The
LMH0303 should be re-enabled periodically to check the status of the output termination. The LMH0303 needs to
be powered on for roughly 4 ms for Termination Fault detection to work.
SMBus Interface
The System Management Bus (SMBus) is a two-wire interface designed for the communication between various
system component chips. By accessing the control functions of the circuit via the SMBus, pincount is kept to a
minimum while allowing a maximum amount of versatility. The LMH0303 has several internal configuration
registers which may be accessed via the SMBus.
The 7-bit default address for the LMH0303 is 17h. The LSB is set to 0b for a WRITE and 1b for a READ, so the
8-bit default address for a WRITE is 2Eh and the 8-bit default address for a READ is 2Fh. The SMBus address
may be dynamically changed.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH0303


Similar Part No. - LMH0303_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0303SQ/NOPB TI1-LMH0303SQ/NOPB Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303SQE/NOPB TI1-LMH0303SQE/NOPB Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
More results

Similar Description - LMH0303_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
logo
Texas Instruments
LMH0307 TI1-LMH0307 Datasheet
838Kb / 23P
[Old version datasheet]   3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
LMH0318 TI1-LMH0318_15 Datasheet
1Mb / 57P
[Old version datasheet]   LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com