Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7845E Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7845E
Description  5-WIRE TOUCH SCREEN INTERFACE, RATIOMETRIC CONVERSION, SINGLE SUPPLY:2V to 5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7845E Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7845E Datasheet HTML 5Page - Texas Instruments ADS7845E Datasheet HTML 6Page - Texas Instruments ADS7845E Datasheet HTML 7Page - Texas Instruments ADS7845E Datasheet HTML 8Page - Texas Instruments ADS7845E Datasheet HTML 9Page - Texas Instruments ADS7845E Datasheet HTML 10Page - Texas Instruments ADS7845E Datasheet HTML 11Page - Texas Instruments ADS7845E Datasheet HTML 12Page - Texas Instruments ADS7845E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
®
9
ADS7845
single-ended mode, the converter’s reference voltage is
always the difference between the VREF and GND pins. In
differential mode, the reference voltage is the difference
between the currently enabled switches. See Tables I and II
and Figures 2 through 4 for more information. The last two
bits (PD1 - PD0) select the power- down mode as shown in
Table V. If both inputs are HIGH, the device is always
powered up. If both inputs are LOW, the device enters a
power-down mode between conversions. When a new con-
version is initiated, the device will resume normal operation
instantly—no delay is needed to allow the device to power
up and the very first conversion will be valid. There are two
power-down modes: one where PENIRQ is disabled and
one where it is enabled.
PD1
PD0
PENIRQ
DESCRIPTION
0
0
Enabled
Power-down between conversions. When each
conversion is finished, the converter enters a
LOW power mode. At the start of the next con-
version, the device instantly powers up to full
power. There is no need for additional delays to
assure full operation and the very first conversion
is valid. The LR– switch is on while in power-down.
0
1
Disabled
Same as mode 00, except PENIRQ is disabled.
The LR– switch is off while in power-down mode.
1
0
Disabled
Reserved for future use.
1
1
Disabled
No power down between conversions, device is
always powered.
FIGURE 5. Conversion Timing, 24 Clocks per Conversion, 8-Bit Bus Interface. No DCLK Delay Required with Dedicated
Serial Port.
TABLE V. Power-Down Selection.
FIGURE 6. Conversion Timing, 16 Clocks per Conversion, 8-Bit Bus Interface. No DCLK Delay Required with Dedicated
Serial Port.
1
DCLK
CS
81
11
DOUT
BUSY
S
DIN
CONTROL BITS
S
CONTROL BITS
10
98765
4
3210
11 10
9
81
1
8
t
ACQ
Acquire
Idle
Conversion
Idle
1
DCLK
CS
81
11
DOUT
BUSY
DRIVERS 1 AND 2(1)
(SER/DFR HIGH)
DRIVERS 1 AND 2(1, 2)
(SER/DFR LOW)
(MSB)
(START)
(LSB)
A2
S
ON
ON
OFF
OFF
OFF
OFF
DIN
A1
A0 MODE
SER/
DFR PD1 PD0
10
98765
4
3210
Zero Filled...
81
8
NOTES: (1) For Y Position, Driver 1 is ON and Driver 2 is OFF. For X Position, Driver 1 is OFF and Driver 2 is ON. LR
will turn on when power-down mode is entered and PD1, PD0 = 00B. (2) Drivers will remain on if power-down mode is
11B (no power down) until selected input channel, reference mode, or power-down mode is changed, or CS is HIGH.


Similar Part No. - ADS7845E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7845E BURR-BROWN-ADS7845E Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7845E BURR-BROWN-ADS7845E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
More results

Similar Description - ADS7845E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2046 HMSEMI-HM2046 Datasheet
1Mb / 21P
   Four-wire touch screen control interface
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
   Single Supply Operation: 2V to 36V
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843 MAXIM-MXB7843_05 Datasheet
519Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
GENE-QM77-B AAEON-GENE-QM77-B Datasheet
293Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
GENE-QM77-A AAEON-GENE-QM77-A Datasheet
295Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com