Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3386B Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3386B
Description  Square Trimpot Trimming Potentiometer Available with cross-slot rotor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3386B Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3386B Datasheet HTML 1Page - Bourns Electronic Solutions 3386B Datasheet HTML 2Page - Bourns Electronic Solutions 3386B Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3386 - 3/8 ” Square Trimpot® Trimming Potentiometer
Packaging Specifications
SIDE ADJUST
3386W-1
12.70
(.500)
18 ± .76
(.709 ± .030)
12.70 + .30/ - 0.25
(.500 + .012/ - .010)
8.89 + .76 /- .50
(.350 + .030/ - .020)
18 + 1.0/ - 0.5
(.709 + .040/ - .020)
27.56 ± .76
(1.085 ± .030)
4.0 ± 0.3
(.157 ± .012)
3.81 ± .71
(.15 ± .028)
3
2
1
4.83 ± .25
(.190 ± .010)
2.44 ± .25
(.096 ± .010)
.51 ± .05
(.020 ± .002)
DIA.
DIA. TYP.
REF.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
TOP ADJUST
3386U-1
12.70
(.500)
18.03 ± 0.7
(.710 ± .028)
12.7 ± 0.3
(.500 ± .012)
8.89 ± 0.7
(.350 ± .028)
22.98 ± .076
(.905 ± .030)
3.99 ± 0.3
(.157 ± .012)
1
3
9.53
(.375)
4.78
(.188)
10.16
(.400)
3.18 ± 0.7
(.125 ±.028)
REF.
MIN.
18.03 ± 0.7
(.710 ± .028)
18.03 ± 1.5
(.710 ± .060)
DIA.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
Meets EIA Specification 468.
DIMENSIONS:
MM
(INCHES)
REV. 10/11


Similar Part No. - 3386B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
   3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
   3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
317Kb / 3P
   3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
106Kb / 1P
   Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Vatronics Technologies ...
3386 VATRONICS-3386 Datasheet
79Kb / 3P
   9mm Square Single-Turn Trimmer Potentiometers
More results

Similar Description - 3386B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
   Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
   Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
   Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
   Square Trimpot Trimming Potentiometer
3362P-1-502TLF BOURNS-3362P-1-502TLF Datasheet
283Kb / 2P
   Square Trimpot Trimming Potentiometer Tape and reel packaging available
3269W-1-103LF BOURNS-3269W-1-103LF Datasheet
183Kb / 2P
   Square Trimpot Trimming Potentiometer Tape and reel packaging available
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
   1/2 Square Trimpot Trimming Potentiometer
3266P-1-253LF BOURNS-3266P-1-253LF Datasheet
364Kb / 2P
   3266 - 1/4 Square Trimpot Trimming Potentiometer
3318F1503A BOURNS-3318F1503A Datasheet
245Kb / 2P
   3318 - 6 mm Square Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com