Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1978 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAU1978
Description  Quad Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1978 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAU1978 Datasheet HTML 7Page - Analog Devices ADAU1978 Datasheet HTML 8Page - Analog Devices ADAU1978 Datasheet HTML 9Page - Analog Devices ADAU1978 Datasheet HTML 10Page - Analog Devices ADAU1978 Datasheet HTML 11Page - Analog Devices ADAU1978 Datasheet HTML 12Page - Analog Devices ADAU1978 Datasheet HTML 13Page - Analog Devices ADAU1978 Datasheet HTML 14Page - Analog Devices ADAU1978 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Data Sheet
ADAU1978
Rev. 0 | Page 11 of 44
Figure 12. ADC Filter Stop-Band Response at fS = 48 kHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
40000
5000
10000 15000 20000 25000 30000 35000
FREQUENCY (Hz)


Similar Part No. - ADAU1978

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1978 AD-ADAU1978 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
ADAU1978WBCPZ AD-ADAU1978WBCPZ Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
ADAU1978WBCPZ-RL AD-ADAU1978WBCPZ-RL Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
More results

Similar Description - ADAU1978

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9642 AD-AD9642_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Motorola, Inc
MC144112 MOTOROLA-MC144112 Datasheet
87Kb / 6P
   Quad Six-Bit Digital-to-Analog Converter
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com