Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LX2122 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LX2122
Description  DS92LX2121/DS92LX2122 10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92LX2122 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS92LX2122 Datasheet HTML 4Page - Texas Instruments DS92LX2122 Datasheet HTML 5Page - Texas Instruments DS92LX2122 Datasheet HTML 6Page - Texas Instruments DS92LX2122 Datasheet HTML 7Page - Texas Instruments DS92LX2122 Datasheet HTML 8Page - Texas Instruments DS92LX2122 Datasheet HTML 9Page - Texas Instruments DS92LX2122 Datasheet HTML 10Page - Texas Instruments DS92LX2122 Datasheet HTML 11Page - Texas Instruments DS92LX2122 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
DS92LX2121, DS92LX2122
SNLS330I – MAY 2010 – REVISED APRIL 2013
www.ti.com
Serializer Electrical Characteristics
(1)(2)(3) (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOS
Output Short Circuit Current
VOUT = 0V
(4)
Serializer
-11
GPO Outputs
mA
Deserializer
LVCMOS
-20
Outputs
IOZ
TRI-STATE Output Current
RPWDNB = 0V,
Register
-20
±1
+20
µA
VOUT = 0V or VDD
Address
(OSS_SEL =
0)
CML DRIVER DC SPECIFICATIONS (DOUT+, DOUT-)
RT = 100Ω
268
340
412
|VOD|
Output Differential Voltage
mV
(SeeFigure 9)
ΔVOD
Output Differential Voltage Unbalance RL = 100Ω
1
50
mV
RL = 100Ω (See
VDD (MIN) - VOD
VDD - VOD
VDD (MAX) -
VOS
Output Differential Offset Voltage
V
Figure 9)
(MAX)
VOD (MIN)
ΔVOS
Offset Voltage Unbalance
RL = 100
1
50
mV
IOS
Output Short Circuit Current
DOUT+/- = 0V,
-27
mA
PDB = L or H (4)
RT
Differential Internal Termination
Differential across
80
100
120
Resistance
DOUT+ and
DOUT-
CML RECEIVER DC SPECIFICATIONS (RIN+, RIN-)
VTH
Differential Threshold High Voltage
+90
VCM = 1.2V
mV
VTL
Differential Threshold Low Voltage
-90
VIN
Differential Input Voltage Range
RIN+ - RIN-
180
mV
VIN = VDD or 0 V,
-20
±1
+20
IIN
Input Current
µA
VDD = 1.89 V
RT
Differential Internal Termination
Differential across
80
100
120
Resistance
RIN+ and RIN-
SER/DES SUPPLY CURRENT *DIGITAL, PLL,
AND ANALOG VDDS
RT = 100
62
90
VDDn = 1.89
WORST CASE
Serializer (Tx)
V
pattern (See
IDDT
Total Supply Current Mode (includes
f = 50 MHz
mA
Figure 6)
load current)
Default
RT = 100
55
Registers
RANDOM pattern
RT = 100
VDDIO = 1.89
WORST CASE
V
pattern (See
PCLK = 50
2
5
Figure 6)
MHz
Default
Serializer (Tx)
Registers
IDDIOT
VDDIO Supply Current (includes load
mA
current)
VDDIO = 3.6 V
PCLK = 50
MHz
7
15
Default
Registers
IDDTZ
VDD = 1.89 V
370
775
PDB = 0V; All
IDDIOTZ
Serializer (Tx) Supply Current Power-
VDDIO = 1.89
other LVCMOS
55
125
µA
down
V
Inputs = 0V
VDDIO = 3.6 V
65
135
(4)
Specification is guaranteed by characterization and is not tested in production.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS92LX2121 DS92LX2122


Similar Part No. - DS92LX2122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LX2122 NSC-DS92LX2122 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX2122 TI1-DS92LX2122 Datasheet
1Mb / 43P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2122 TI1-DS92LX2122 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2122SQ/NOPB TI1-DS92LX2122SQ/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2122SQE/NOPB TI1-DS92LX2122SQE/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
More results

Similar Description - DS92LX2122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LX2121 TI1-DS92LX2121_15 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2121 TI1-DS92LX2121_14 Datasheet
1Mb / 43P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
Texas Instruments
DS90UR124Q TI1-DS90UR124Q_14 Datasheet
1Mb / 36P
[Old version datasheet]   MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com