Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0804-N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADC0804-N
Description  CMOS 8-bit successive approximation A/D converters that use a differential potentiometric ladder
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0804-N Datasheet(HTML) 2 Page - Texas Instruments

  ADC0804-N Datasheet HTML 1Page - Texas Instruments ADC0804-N Datasheet HTML 2Page - Texas Instruments ADC0804-N Datasheet HTML 3Page - Texas Instruments ADC0804-N Datasheet HTML 4Page - Texas Instruments ADC0804-N Datasheet HTML 5Page - Texas Instruments ADC0804-N Datasheet HTML 6Page - Texas Instruments ADC0804-N Datasheet HTML 7Page - Texas Instruments ADC0804-N Datasheet HTML 8Page - Texas Instruments ADC0804-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATIONS
8080 Interface
ERROR SPECIFICATION (Includes Full-Scale, Zero Error, and Non-Linearity)
VREF/2 = 2.500 VDC
VREF/2 = No Connection
FULL-SCALE
PART NUMBER
ADJUSTED
(No Adjustments)
(No Adjustments)
ADC0801
±1
⁄4 LSB
ADC0802
±1
⁄2 LSB
ADC0803
±1
⁄2 LSB
ADC0804
±1 LSB
ADC0805
±1 LSB
ABSOLUTE MAXIMUM RATINGS
If Military/Aerospace specified devices are required, contact the National Semiconductor Sales Office/Distributors for
availability and specifications.
VALUE
UNIT
Supply voltage (VCC)
(1)
6.5
V
Logic control inputs
–0.3 to +18
V
Voltage
At other input and outputs
–0.3 to (VCC +0.3)
V
Dual-In-Line Package (plastic
260
°C
Dual-In-Line Package (ceramic)
300
°C
Lead Temperature
(Soldering, 10 seconds)
Surface Mount Package Vapor Phase (60 seconds)
215
°C
Infrared (15 seconds)
220
°C
Storage Temperature Range
–65 to +150
°C
Package Dissipation at TA = 25°C
875
mW
ESD Susceptibility(2)
800
V
(1)
A zener diode exists, internally, from VCC to GND and has a typical breakdown voltage of 7 VDC.
(2)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805


Similar Part No. - ADC0804-N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0804-1CD PHILIPS-ADC0804-1CD Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0804-1CN PHILIPS-ADC0804-1CN Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0804-1LCD PHILIPS-ADC0804-1LCD Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0804-1LCN PHILIPS-ADC0804-1LCN Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results

Similar Description - ADC0804-N

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
   Successive-approximation 8-bit A/D Converter
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
   Successive-approximation 8-bit A/D Converter
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
   8-Bit Successive Approximation A-D Converter
logo
Analog Devices
AD5210 AD-AD5210 Datasheet
7Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
REV. A
AD5210 AD-AD5210_15 Datasheet
7Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
REV. A
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
Rohm
BH2715FV ROHM-BH2715FV Datasheet
2Mb / 18P
   Successive Approximation A/D Converter
BU1S12S1AG-LB ROHM-BU1S12S1AG-LB Datasheet
1Mb / 20P
   Successive Approximation A/D Converter
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
MNDM54LS502-X NSC-MNDM54LS502-X Datasheet
14Kb / 6P
   8 - BIT SUCCESSIVE APPROXIMATION REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com