Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3314R-2 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3314R-2
Description  Square Trimpot Trimming Potentiometer J-hook, gull-wing and pinned configurations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3314R-2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3314R-2 Datasheet HTML 1Page - Bourns Electronic Solutions 3314R-2 Datasheet HTML 2Page - Bourns Electronic Solutions 3314R-2 Datasheet HTML 3Page - Bourns Electronic Solutions 3314R-2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3314 - 4 mm Square Trimpot® Trimming Potentiometer
Product Dimensions
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
ORIENTATION
FEATURE
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
3314S-1
(Bourns Marking, Straight Slot)
3314S
Common Dimensions
1.42
(.056)
REF.
0.61
(.024)
5.01
(.197)
3.5
(0.138)
1.27
(0.05)
2.54
(0.10)
1.05
(0.041)
1.42
± 0.13
(0.056
± 0.005)
1.2
(0.047)
4.5
(0.177)
4.95
± 0.13
(0.193
± 0.005)
5.61
(0.221)
5.81
± 0.13
(0.229
± 0.005)
3.13
(0.123)
1.15
(0.045)
5.8
(.228)
1.75
(0.069)
1.75
(0.069)
1.6
(0.063)
RECOMMENDED PCB LAYOUT
1.15
(0.045)
1.2
(0.047)
1.1
(0.043)
1
2
3
3314S-2
(Bourns Marking, Cross Slot)
1
2
3
3314S-4
(Reverse Marking, Cross Slot)
1
2
3
3314S-3
(Reverse Marking, Straight Slot)
(S Style)
16.00
± 0.3
(.630
± 0.012)
1.5 + 0.1/-0.0
(0.59 +.004/-0.0)
R
TYP.
0.5
(.020)
DIA.
MIN.
DIA.
1.5
(.059)
12.00 ± 0.10
(.472 ± .004)
7.50
± 0.10
(.295
± .004)
TAPE
1.75 ± 0.10
(.069 ± .004)
5.5
(.217)
8.3
(.327)
0.50
± 0.05
(.020
± .002)
0.50
(.020)
1.78
(0.70)
3.30
(0.130)
177.8 ± 2.03
(7.00 ± .080)
13.0 ± 0.51
(.512 ± .020)
DIA.
1.50
(.059)
20.2
(.795)
22.4
(.882)
50.00
(1.969)
16.4 + 2.0/ -.000
(.646 + .079/ - .000)
(MEASURED AT HUB)
REEL
* Embossed Tape Designator "E"
** Embossed Tape Designator "G"
(See How To Order chart for further information.)
Meets EIA specification 481.
DIA.*
MIN. DIA.
MIN.
MAX.
(MEASURED
AT
HUB)
330.2 ± 2.0
(13.00 ± .079)
DIA.**
EQUAL SPACED 3 PLCS.
MIN.
2.00 ± 0.10
(.079 ± .004)
4.00 ± 0.10
(.157 ± .004)
5.30 ± 0.10
(.209 ± .004)
7.30
(.287)
Packaging Specifications
TOLERANCES: ±
0.30
EXCEPT WHERE NOTED
(.012)
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER


Similar Part No. - 3314R-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
239Kb / 4P
   4 mm Square Trimming Potentiometer
3314 BOURNS-3314 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
logo
ebm-papst
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
   DC axial compact fan
logo
3M Electronics
3314 3M-3314 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
106Kb / 1P
   Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
More results

Similar Description - 3314R-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
   Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
   Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
   Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
   Square Trimpot Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
   1/2 Square Trimpot Trimming Potentiometer
3266P-1-253LF BOURNS-3266P-1-253LF Datasheet
364Kb / 2P
   3266 - 1/4 Square Trimpot Trimming Potentiometer
3318F1503A BOURNS-3318F1503A Datasheet
245Kb / 2P
   3318 - 6 mm Square Trimpot Trimming Potentiometer
3386H-1-502LF BOURNS-3386H-1-502LF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
3386X-1-103TLF BOURNS-3386X-1-103TLF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com