Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FERD30M45CG-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # FERD30M45CG-TR
Description  ST advanced rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30M45CG-TR Datasheet(HTML) 2 Page - STMicroelectronics

  FERD30M45CG-TR Datasheet HTML 1Page - STMicroelectronics FERD30M45CG-TR Datasheet HTML 2Page - STMicroelectronics FERD30M45CG-TR Datasheet HTML 3Page - STMicroelectronics FERD30M45CG-TR Datasheet HTML 4Page - STMicroelectronics FERD30M45CG-TR Datasheet HTML 5Page - STMicroelectronics FERD30M45CG-TR Datasheet HTML 6Page - STMicroelectronics FERD30M45CG-TR Datasheet HTML 7Page - STMicroelectronics FERD30M45CG-TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
FERD30M45C
2/8
Doc ID 023771 Rev 1
1
Characteristics
When diodes 1 and 2 are used simultaneously:
Tj(diode 1) = P(diode 1) x Rth(j-c)(per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values, per diode, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current,
 = 0.5
Tc = 155 °C
Per diode
Per device
15
30
A
Tc = 155 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Tj
Maximum operating temperature
(DC forward current without reverse bias, t = 1 hour)(1)
200
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink.
dPtot
dTj
---------------
1
Rth j
a

--------------------------
Table 3.
Thermal resistance
Symbol
Parameter
Value (max)
Unit
Rth(j-c)
Junction to case
Per diode
1.6
°C/W
Total
1.05
Rth(c)
Coupling
0.5


Similar Part No. - FERD30M45CG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD30H100SB-TR STMICROELECTRONICS-FERD30H100SB-TR Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD30H100SH STMICROELECTRONICS-FERD30H100SH Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD30H100STS STMICROELECTRONICS-FERD30H100STS Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
More results

Similar Description - FERD30M45CG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD60U45C STMICROELECTRONICS-FERD60U45C Datasheet
138Kb / 7P
   ST advanced rectifier process
November 2013 Rev 1
logo
Mitel Networks Corporat...
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
   CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
ON Semiconductor
FAN6248 ONSEMI-FAN6248 Datasheet
725Kb / 16P
   Advanced Synchronous Rectifier Controller
April 2017- Rev.1.0
logo
Mitel Networks Corporat...
MT8941 MITEL-MT8941 Datasheet
246Kb / 18P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
logo
International Rectifier
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
logo
ON Semiconductor
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com