Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS70-07P6FILM Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAS70-07P6FILM
Description  Low capacitance, low series inductance and resistance Schottky diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-07P6FILM Datasheet(HTML) 4 Page - STMicroelectronics

  BAS70-07P6FILM Datasheet HTML 1Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 2Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 3Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 4Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 5Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 6Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 7Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 8Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
BAS70
4/14
Doc ID 12563 Rev 2
Figure 7.
Forward voltage drop versus
forward current (typical values)
Figure 8.
Differential forward resistance
versus forward current
(typical values)
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IFM(mA)
Tj=125 °C
Tj=25 °C
VFM(V)
10
100
1000
0.1
1.0
10.0
F=100 MHz
Tj=25 °C
R( )
F
Ω
IF(mA)
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 10.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
10
100
1000
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)(°C/W)
Single pulse
SOT-323-6L
tP(s)
printed circuit board, epoxy FR4 e
= 35 µm SOT-323-6L
CU
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)/Rth(j-a)
Single pulse
SOT-23
Aluminesubstrate
10 x 8 x 0.5 mm
tP(s)
alluminium oxide substrate 10 x 8 x 0.5 mm SOT-23
Figure 11.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 12.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)/Rth(j-a)
Single pulse
SOD-323
EpoxyFR4
S
CU=2.25 mm²
e
CU=35 µm
tP(s)
printed circuit board, epoxy FR4 e
= 35 µm SOD-323
CU
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-a)/Rth(j-a)
Single pulse
SOT-666
Epoxy FR4
e
CU=35 µm
tP(s)
printed circuit board, epoxy FR4 e
= 35 µm SOT-666
CU


Similar Part No. - BAS70-07P6FILM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
STMicroelectronics
BAS70-07 STMICROELECTRONICS-BAS70-07 Datasheet
53Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Infineon Technologies A...
BAS70-07 INFINEON-BAS70-07 Datasheet
553Kb / 12P
   Silicon Schottky Diode
Feb-03-2003
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Guangdong Kexin Industr...
BAS70-07 KEXIN-BAS70-07 Datasheet
36Kb / 1P
   Schottky Barrier (Double) Diodes
More results

Similar Description - BAS70-07P6FILM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
M/A-COM Technology Solu...
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
   Low Parasitic Capacitance and Inductance
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
logo
SHIKUES Electronics
HVU131 SKTECHNOLGY-HVU131 Datasheet
187Kb / 1P
   Low Capacitance Low Forward resistance
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Siemens Semiconductor G...
BB664 SIEMENS-BB664 Datasheet
13Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
   Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com