Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNS1NV04PTR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNS1NV04PTR-E
Description  OMNIFET II fully autoprotected Power MOSFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNS1NV04PTR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNS1NV04PTR-E Datasheet HTML 3Page - STMicroelectronics VNS1NV04PTR-E Datasheet HTML 4Page - STMicroelectronics VNS1NV04PTR-E Datasheet HTML 5Page - STMicroelectronics VNS1NV04PTR-E Datasheet HTML 6Page - STMicroelectronics VNS1NV04PTR-E Datasheet HTML 7Page - STMicroelectronics VNS1NV04PTR-E Datasheet HTML 8Page - STMicroelectronics VNS1NV04PTR-E Datasheet HTML 9Page - STMicroelectronics VNS1NV04PTR-E Datasheet HTML 10Page - STMicroelectronics VNS1NV04PTR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VNN1NV04P-E, VNS1NV04P-E
Electrical specifications
Doc ID 15586 Rev 2
7/28
2.2
Thermal data
2.3
Electrical characteristics
Table 3.
Thermal data
Symbol
Parameter
Max value
Unit
SOT-223
SO-8
Rthj-case
Thermal resistance junction-case
18
°C/W
Rthj-lead
Thermal resistance junction-lead
15
°C/W
Rthj-amb
Thermal resistance junction-ambient
70(1)
1.
When mounted on a standard single-sided FR4 board with 50 mm2 of Cu (at least 35
μm thick) connected
to all DRAIN pins
65(1)
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Off (-40 °C<Tj<150 °C, unless otherwise specified)
VCLAMP
Drain-source clamp voltage
VIN=0 V; ID=0.5 A
40
45
55
V
VCLTH
Drain-source clamp threshold
voltage
VIN=0 V; ID=2 mA
36
V
VINTH
Input threshold voltage
VDS=VIN; ID=1 mA
0.5
2.5
V
IISS
Supply current from input pin
VDS=0 V; VIN=5 V
100
150
µA
VINCL
Input-source clamp
voltage
IIN=1 mA
IIN=-1 mA
6
-1.0
6.8
8
-0.3
V
IDSS
Zero input voltage drain current
(VIN=0 V)
VDS=13 V; VIN=0 V; Tj=25 °C
VDS=25 V; VIN=0 V
30
75
µA
On (-40 °C<Tj<150 °C, unless otherwise specified)
RDS(on)
Static drain-source on
resistance
VIN=5 V; ID=0.5 A; Tj=25 °C
VIN=5 V; ID=0.5 A
250
500
m
Ω
Dynamic (Tj=25 °C, unless otherwise specified)
gfs
(1)
Forward transconductance
VDD=13 V; ID=0.5 A
2
S
COSS
Output capacitance
VDS=13 V; f=1 MHz; VIN=0 V
90
pF
Switching (Tj=25 °C, unless otherwise specified)
td(on)
Turn-on delay time
VDD=15 V; ID=0.5 A
Vgen=5 V; Rgen=RIN MIN=330 Ω
(see Figure 4)
70
200
ns
tr
Rise time
170
500
ns
td(off)
Turn-off delay time
350
1000
ns
tf
Fall time
200
600
ns


Similar Part No. - VNS1NV04PTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS1NV04 STMICROELECTRONICS-VNS1NV04 Datasheet
392Kb / 18P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04 STMICROELECTRONICS-VNS1NV04 Datasheet
538Kb / 33P
   OMNIFET II fully autoprotected Power MOSFET
VNS1NV04 STMICROELECTRONICS-VNS1NV04 Datasheet
406Kb / 33P
   fully autoprotected Power MOSFET
VNS1NV0413TR STMICROELECTRONICS-VNS1NV0413TR Datasheet
392Kb / 18P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D STMICROELECTRONICS-VNS1NV04D Datasheet
244Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
More results

Similar Description - VNS1NV04PTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04D13TR STMICROELECTRONICS-VNS3NV04D13TR Datasheet
249Kb / 14P
   OMNIFET II FULLY AUTOPROTECTED POWER MOSFET
VNN1NV04TR-E STMICROELECTRONICS-VNN1NV04TR-E Datasheet
546Kb / 33P
   OMNIFET II fully autoprotected Power MOSFET
VNS14NV0413TR STMICROELECTRONICS-VNS14NV0413TR Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
VNN3NV04 STMICROELECTRONICS-VNN3NV04_09 Datasheet
493Kb / 26P
   OMNIFET II fully autoprotected Power MOSFET
VNS7NV04P-E STMICROELECTRONICS-VNS7NV04P-E Datasheet
370Kb / 29P
   OMNIFET II fully autoprotected Power MOSFET
September 2013 Rev 4
VNN3NV04PTR-E STMICROELECTRONICS-VNN3NV04PTR-E Datasheet
284Kb / 22P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04D-E STMICROELECTRONICS-VNS3NV04D-E Datasheet
357Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNB35NV04-E STMICROELECTRONICS-VNB35NV04-E Datasheet
561Kb / 27P
   OMNIFET II: fully autoprotected Power MOSFET
February 2015 Rev 5
VNS14NV04P-E STMICROELECTRONICS-VNS14NV04P-E Datasheet
632Kb / 22P
   "OMNIFET II" fully autoprotected Power MOSFET
September 2013 Rev 3
VNN7NV04 STMICROELECTRONICS-VNN7NV04 Datasheet
618Kb / 37P
   OMNIFET II fully autoprotected Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com