Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1130-101K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 1130-101K-RC
Description  High Current Chokes Very high current capacity Fixed lead spacing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1130-101K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  1130-101K-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22.3
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
High Current Chokes
Special Features
• Very high current capacity
• Low DCR
• Epoxy coated ferrite bobbin core
• VW-1 rated shrink tubing to cover winding
• Self-leaded
• Fixed lead spacing
• Center hole for mechanical mounting
• Dielectric withstanding voltage:
2500 Vrms terminal to shrink tube cover;
1000 Vrms terminal to core
• Operating temperature -55 to +105 °C
Notes
* Rated current to cause 50 °C max. temperature
rise and 5 % max. inductance drop
1130 Series
Part
Number
L (µH)
±20 %
@ 1 KHz
DCR
Max.
I, dc*
(A)
Dim.
C
Approx.
Dim.
D
Nom.
1130-1R0M-RC
1.0
0.003
21
0.80
0.081
1130-1R2M-RC
1.2
0.003
21
0.80
0.081
1130-1R5M-RC
1.5
0.003
21
0.80
0.081
1130-1R8M-RC
1.8
0.003
21
0.80
0.081
1130-2R2M-RC
2.2
0.003
21
0.80
0.081
1130-2R7M-RC
2.7
0.003
21
0.80
0.081
1130-3R3M-RC
3.3
0.003
21
0.80
0.081
1130-3R9M-RC
3.9
0.003
21
0.80
0.081
1130-4R7M-RC
4.7
0.003
21
0.80
0.081
1130-5R6M-RC
5.6
0.003
21
0.82
0.081
1130-6R8M-RC
6.8
0.004
21
0.82
0.081
1130-8R2M-RC
8.2
0.004
21
0.82
0.081
± 10 %
1130-100K-RC
10
0.006
17
0.82
0.081
1130-120K-RC
12
0.008
13.5
0.80
0.072
1130-150K-RC
15
0.009
13.5
0.80
0.072
1130-180K-RC
18
0.010
13.5
0.80
0.072
1130-220K-RC
22
0.011
13.5
0.79
0.064
1130-270K-RC
27
0.012
13.5
0.79
0.064
1130-330K-RC
33
0.017
13.5
0.79
0.064
1130-390K-RC
39
0.022
11.4
0.79
0.057
1130-470K-RC
47
0.024
9
0.79
0.057
1130-560K-RC
56
0.026
9
0.79
0.057
1130-680K-RC
68
0.029
9
0.79
0.057
1130-820K-RC
82
0.032
9
0.79
0.051
1130-101K-RC
100
0.034
9
0.79
0.051
1130-121K-RC
120
0.046
7.2
0.79
0.051
1130-151K-RC
150
0.064
5.5
0.77
0.045
1130-181K-RC
180
0.072
5.5
0.77
0.045
1130-221K-RC
220
0.080
5.5
0.77
0.040
1130-271K-RC
270
0.110
4.5
0.77
0.040
1130-331K-RC
330
0.122
4.5
0.77
0.040
1130-391K-RC
390
0.169
4
0.77
0.036
1130-471K-RC
470
0.187
4
0.77
0.036
1130-561K-RC
560
0.205
4
0.77
0.032
1130-681K-RC
680
0.256
2.8
0.77
0.032
1130-821K-RC
820
0.288
2.8
0.77
0.032
1130-102K-RC
1000
0.426
2
0.75
0.029
1130-122K-RC
1200
0.426
2
0.75
0.029
1130-152K-RC
1500
0.518
2
0.75
0.025
1130-182K-RC
1800
0.705
1.6
0.75
0.025
1130-222K-RC
2200
1.02
1.3
0.75
0.025
1130-272K-RC
2700
1.14
1.3
0.75
0.023
1130-332K-RC
3300
1.27
1.3
0.75
0.020
1130-392K-RC
3900
1.67
1
0.75
0.020
1130-472K-RC
4700
1.86
1
0.75
0.020
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 05/08
D (Dia)
Lead tinned
to within 1/8"
of body
0.84
Max.
C
0.5
Max.
0.196 ± 0.016
0.236 ± 0.020
Dimensions: Inches
1.1
Note: Major diameter of #8 screw = 0.164 ”


Similar Part No. - 1130-101K-RC

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
1130-6-N RAF-1130-6-N Datasheet
56Kb / 1P
   1/4 ROUND SPACERS
1130-6-SS RAF-1130-6-SS Datasheet
56Kb / 1P
   1/4 ROUND SPACERS
1130-8-AL RAF-1130-8-AL Datasheet
56Kb / 1P
   1/4 ROUND SPACERS
1130-8-SS RAF-1130-8-SS Datasheet
56Kb / 1P
   1/4 ROUND SPACERS
More results

Similar Description - 1130-101K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1120-1R0M-RC BOURNS-1120-1R0M-RC Datasheet
432Kb / 1P
   Very high current capacity
1110-1R0M-RC BOURNS-1110-1R0M-RC Datasheet
472Kb / 1P
   Very high current capacity
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
   Very high current capacity Low DCR
5521 BOURNS-5521 Datasheet
469Kb / 1P
   High Current Chokes
5509 BOURNS-5509 Datasheet
469Kb / 1P
   High Current Chokes
5615 BOURNS-5615 Datasheet
428Kb / 1P
   High Current Chokes
logo
EPCOS
ERU25 EPCOS-ERU25 Datasheet
293Kb / 3P
   High-Current Chokes
logo
Bourns Electronic Solut...
5628 BOURNS-5628 Datasheet
428Kb / 1P
   High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
   High Current Chokes
5618 BOURNS-5618 Datasheet
428Kb / 1P
   High Current Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com