Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNQ5E050KTR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNQ5E050KTR-E
Description  Quad channel high side driver for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5E050KTR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNQ5E050KTR-E Datasheet HTML 6Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 7Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 8Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 9Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 10Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 11Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 12Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 13Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical specifications
VNQ5E050K-E
10/34
Doc ID 13494 Rev 5
Table 7.
Status pin (VSD=0)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSTAT
Status low output
voltage
ISTAT = 1.6 mA, VSD=0V
0.5
V
ILSTAT
Status leakage current
Normal operation or VSD=5V,
VSTAT = 5V
10
µA
CSTAT
Status pin input
capacitance
Normal operation or VSD=5V,
VSTAT = 5V
100
pF
VSCL
Status clamp voltage
ISTAT = 1mA
ISTAT = - 1mA
5.5
-0.7
7V
V
Table 8.
Protections (1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit
current
VCC = 13V
5V<VCC<28V
19
27
38
38
A
A
IlimL
Short circuit current
during thermal cycling
VCC = 13V
TR<Tj<TTSD
7A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS + 1
TRS + 5
°C
TRS
Thermal reset of
STATUS
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
tSDL
Status delay in
overload conditions
Tj>TTSD (see Figure 4.)20
µs
VDEMAG
Turn-off output voltage
clamp
IOUT= 2A; VIN= 0; L= 6mH
VCC-41
VCC-46
VCC-52
V
VON
Output voltage drop
limitation
IOUT= 0.1A (see Figure 5.)
Tj= -40°C...+150°C
25
mV


Similar Part No. - VNQ5E050KTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5E050AK-E STMICROELECTRONICS-VNQ5E050AK-E Datasheet
657Kb / 37P
   Quad channel high-side driver with analog current sense for automotive applications
VNQ5E050MK-E STMICROELECTRONICS-VNQ5E050MK-E Datasheet
473Kb / 36P
   Quad channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VNQ5E050KTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E_09 Datasheet
606Kb / 34P
   Quad channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5027AK-E STMICROELECTRONICS-VNQ5027AK-E Datasheet
449Kb / 31P
   Quad channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com