Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1114 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1114
Description  Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1114 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1114 Datasheet HTML 5Page - Texas Instruments ADS1114 Datasheet HTML 6Page - Texas Instruments ADS1114 Datasheet HTML 7Page - Texas Instruments ADS1114 Datasheet HTML 8Page - Texas Instruments ADS1114 Datasheet HTML 9Page - Texas Instruments ADS1114 Datasheet HTML 10Page - Texas Instruments ADS1114 Datasheet HTML 11Page - Texas Instruments ADS1114 Datasheet HTML 12Page - Texas Instruments ADS1114 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
0
5
10
15
Offset Drift (LSB/°C)
TA = −40°C to +125°C
FS = ±2.048 V, MUX = AIN0 to AIN3
30 units from one production lot.
G046
0
50
100
150
200
Offset (µV)
540 units from 3 production lots
FS = ±2.048V
G000
−40
−30
−20
−10
0
10
20
30
40
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
AIN0 to AIN1
AIN0 to AIN3
AIN1 to AIN3
AIN2 to AIN3
FS = ±2.048V
G006
−40
−30
−20
−10
0
10
20
30
40
2
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
AIN0 to AIN1
AIN0 to AIN3
AIN1 to AIN3
AIN2 to AIN3
FS = ±2.048V
G007
−60
−40
−20
0
20
40
60
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
AIN0 to GND
AIN1 to GND
AIN2 to GND
AIN3 to GND
FS = ±2.048V
G004
−60
−40
−20
0
20
40
60
2
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
AIN0 to GND
AIN1 to GND
AIN2 to GND
AIN3 to GND
FS = ±2.048V
G005
ADS1118
www.ti.com
SBAS457C – OCTOBER 2010 – REVISED FEBRUARY 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3 V, unless otherwise noted.
SINGLE-ENDED OFFSET VOLTAGE vs TEMPERATURE
SINGLE-ENDED OFFSET VOLTAGE vs SUPPLY
Figure 14.
Figure 15.
DIFFERENTIAL OFFSET VOLTAGE vs TEMPERATURE
DIFFERENTIAL OFFSET VOLTAGE vs SUPPLY
Figure 16.
Figure 17.
OFFSET DRIFT HISTOGRAM
OFFSET HISTOGRAM
Figure 18.
Figure 19.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS1118


Similar Part No. - ADS1114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1114 TI-ADS1114 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1114 TI-ADS1114 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1114 TI1-ADS1114 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1114 TI1-ADS1114 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1114 TI1-ADS1114 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com