Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91A2A-A28-A15L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 91A2A-A28-A15L
Description  Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91A2A-A28-A15L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  91A2A-A28-A15L Datasheet HTML 1Page - Bourns Electronic Solutions 91A2A-A28-A15L Datasheet HTML 2Page - Bourns Electronic Solutions 91A2A-A28-A15L Datasheet HTML 3Page - Bourns Electronic Solutions 91A2A-A28-A15L Datasheet HTML 4Page - Bourns Electronic Solutions 91A2A-A28-A15L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Mechanical Characteristics1
Stop Strength (1/4 ” D shaft) .............................................................................................................................................45.19 N-cm (4 lb.-in.)
(1/8 ” D shaft) .............................................................................................................................................33.89 N-cm (3 lb.-in.)
Mechanical Angle.................................................................................................................................................................................300 ° ±5 °
Torque
Starting ........................................................................................................................................... 0.3 max. above average running torque
Running Torque
Single or Dual Section (A & R Bushings) ....................................................................................... 0.21 to 1.06 N-cm (0.3 to 1.5 oz.-in.)
Single or Dual Section (C & U Bushings) ....................................................................................... 0.14 to 1.06 N-cm (0.2 to 1.5 oz.-in.)
Mounting .............................................................................................................................................1.7-2.0 N-m (15-18 lb.-in.) maximum
Variation...................................................................................................................... 0.35 N-cm (0.5 oz.-in.) maximum in 45 ° shaft travel
Weight (Single Section, Metal Bushing)...............................................................................................................................12.7 grams nominal
(Each Additional Section) ....................................................................................................................................................4 grams nominal
Terminals .................................................................................................................................Printed circuit terminals, J-Hooks or solder lugs
Soldering Condition ...........................................Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter.
Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux.
Marking ..................................................................................Manufacturer’s trademark, date code, resistance, manufacturer’s part number
Ganging (Multiple Section Potentiometers).............................................................................................................................2 cups maximum
Hardware...................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
NOTE:
Performance specifications do not apply to units subjected to printed circuit board cleaning procedures.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
Model 91, 92, 93, 94 & 95 - 5/8 ” Square Single-Turn Panel Control


Similar Part No. - 91A2A-A28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A2A-A28-A15/A15L BOURNS-91A2A-A28-A15/A15L Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
More results

Similar Description - 91A2A-A28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
   PC - Slimline 22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com