Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV707115DQNR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707115DQNR
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707115DQNR Datasheet(HTML) 5 Page - Texas Instruments

  TLV707115DQNR Datasheet HTML 1Page - Texas Instruments TLV707115DQNR Datasheet HTML 2Page - Texas Instruments TLV707115DQNR Datasheet HTML 3Page - Texas Instruments TLV707115DQNR Datasheet HTML 4Page - Texas Instruments TLV707115DQNR Datasheet HTML 5Page - Texas Instruments TLV707115DQNR Datasheet HTML 6Page - Texas Instruments TLV707115DQNR Datasheet HTML 7Page - Texas Instruments TLV707115DQNR Datasheet HTML 8Page - Texas Instruments TLV707115DQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
OUT
GND
IN
EN
4
1
3
2
Thermal
Pad
TLV707 Series
www.ti.com
SBVS153C – FEBRUARY 2011 – REVISED NOVEMBER 2012
PIN CONFIGURATIONS
DQN PACKAGE
DFN-4
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
DESCRIPTION
Regulated output voltage pin. A small 1
μF ceramic capacitor is needed from this pin to ground to assure
OUT
1
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
GND
2
Ground pin
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into
EN
3
shutdown mode
For TLV707xxP, output voltage is discharged through an internal 120-
Ω resistor when device is shut down.
Input pin. A small 1µF ceramic capacitor is recommended from this pin to ground for good transient
IN
4
performance. See Input and Output Capacitor Requirements in the Application Information section for more
details.
NC
No connection. This pin can be tied to ground to improve thermal dissipation.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TLV707115DQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV707115DQNR TI1-TLV707115DQNR Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707115DQNR TI1-TLV707115DQNR Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707115DQNR TI1-TLV707115DQNR Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707115DQNR TI-TLV707115DQNR Datasheet
1Mb / 44P
[Old version datasheet]   TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
REVISED JUNE 2023
TLV707115DQNR TI1-TLV707115DQNR Datasheet
1Mb / 44P
[Old version datasheet]   TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
JUNE 2023
More results

Similar Description - TLV707115DQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com