Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3839L30DQNT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3839L30DQNT
Description  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3839L30DQNT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3839L30DQNT Datasheet HTML 4Page - Texas Instruments TPS3839L30DQNT Datasheet HTML 5Page - Texas Instruments TPS3839L30DQNT Datasheet HTML 6Page - Texas Instruments TPS3839L30DQNT Datasheet HTML 7Page - Texas Instruments TPS3839L30DQNT Datasheet HTML 8Page - Texas Instruments TPS3839L30DQNT Datasheet HTML 9Page - Texas Instruments TPS3839L30DQNT Datasheet HTML 10Page - Texas Instruments TPS3839L30DQNT Datasheet HTML 11Page - Texas Instruments TPS3839L30DQNT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
IOL (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD = 4.0 V
G009
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
VDD voltage drop below VIT− (%)
Reset Occurs Above Line
G010
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1
2
3
4
5
IOL (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +25°C
VDD = 1.8 V
G007
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
2
4
6
8
10
IOL (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD = 3.3 V
G008
TPS3831
TPS3839
SBVS193B – JUNE 2012 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and C1 = 0.1 µF, unless otherwise noted.
Figure 10. VOL vs IOL AND TEMPERATURE FOR VDD = 1.8 V
Figure 11. VOL vs IOL AND TEMPERATURE FOR VDD = 3.3 V
Figure 12. VOL vs IOL AND TEMPERATURE FOR VDD = 4.0 V
Figure 13. MAXIMUM PULSE DURATION vs PERCENT OF
THRESHOLD OVERDRIVE
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS3831 TPS3839


Similar Part No. - TPS3839L30DQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839L30DQNT TI1-TPS3839L30DQNT Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839L30DQNT TI1-TPS3839L30DQNT Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Similar Description - TPS3839L30DQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com