Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP8133RSKR Datasheet(PDF) 2 Page - Texas Instruments

Part # VSP8133RSKR
Description  CCD Analog Front-End with Timing Generator for Digital Cameras
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP8133RSKR Datasheet(HTML) 2 Page - Texas Instruments

  VSP8133RSKR Datasheet HTML 1Page - Texas Instruments VSP8133RSKR Datasheet HTML 2Page - Texas Instruments VSP8133RSKR Datasheet HTML 3Page - Texas Instruments VSP8133RSKR Datasheet HTML 4Page - Texas Instruments VSP8133RSKR Datasheet HTML 5Page - Texas Instruments VSP8133RSKR Datasheet HTML 6Page - Texas Instruments VSP8133RSKR Datasheet HTML 7Page - Texas Instruments VSP8133RSKR Datasheet HTML 8Page - Texas Instruments VSP8133RSKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
VSP8133
SBES020A – JUNE 2011 – REVISED MAY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
VSP8133
QFN-64
RSK
0°C to +85°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
RELATED DOCUMENTS
PRODUCT
LITERATURE NUMBER
VSP8133 User Reference Manual
SLEU107
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
VALUE
UNIT
AVDD30, IOVDD30, HVDD30,
–0.3 to +4.0
V
RGVDD30
Supply voltage
VL
GND to –10
V
VH
VL + 26
V
AVSS, IOVSS30, HVSS30, HLVSS,
Ground voltage differences
±0.1
V
RGVSS30
Digital input voltage
–0.3 to (IOVDD30 + 0.3)
V
Analog input voltage
–0.3 to (AVDD30 + 0.3)
V
Input current (all pins except supplies)
±10
mA
Ambient temperature under bias
–25 to +85
°C
Storage temperature
–55 to +125
°C
Junction temperature
+150
°C
Package temperature (IR reflow, peak)
+250
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: VSP8133


Similar Part No. - VSP8133RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01GWD TI1-VSP01M01GWD Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01GWDR TI1-VSP01M01GWDR Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01ZWD TI1-VSP01M01ZWD Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01ZWDR TI1-VSP01M01ZWDR Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
More results

Similar Description - VSP8133RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP2560 TI1-VSP2560_14 Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2582 TI1-VSP2582 Datasheet
780Kb / 28P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560 TI1-VSP2560 Datasheet
670Kb / 32P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
VSP2264 TI-VSP2264 Datasheet
745Kb / 63P
[Old version datasheet]   CCD SIGNAL PROCESSOR WITH TIMING GENERATOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2080 BURR-BROWN-VSP2080 Datasheet
80Kb / 7P
   CCD SIGNAL FRONT-END PROCESSOR FOR DIGITAL CAMERAS
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
logo
Sony Corporation
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com