Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2816T1S Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPA2816T1S
Description  P-channel MOSFET ??0 V, ??7 A, 15.5 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2816T1S Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPA2816T1S Datasheet HTML 1Page - Renesas Technology Corp UPA2816T1S Datasheet HTML 2Page - Renesas Technology Corp UPA2816T1S Datasheet HTML 3Page - Renesas Technology Corp UPA2816T1S Datasheet HTML 4Page - Renesas Technology Corp UPA2816T1S Datasheet HTML 5Page - Renesas Technology Corp UPA2816T1S Datasheet HTML 6Page - Renesas Technology Corp UPA2816T1S Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0778EJ0101 Rev.1.01
Page 1 of 6
May 28, 2013
Data Sheet
μPA2816T1S
P-channel MOSFET
–30 V, –17 A, 15.5 m
Ω
Description
The
μPA2816T1S is P-channel MOS Field Effect Transistor designed for DC/DC converter and power management
applications of portable equipment.
Features
• V
DSS = −30 V (TA = 25°C)
• Low on-state resistance
⎯ R
DS(on) = 15.5 mΩ MAX. (VGS = −10 V, ID = −17 A)
• 4.5 V Gate-drive available
• Small & thin type surface mount package with heat spreader
• Pb-free and Halogen free
Ordering Information
Part No.
LEAD PLATING
PACKING
Package
μPA2816T1S-E2-AT ∗1
Pure Sn
Tape 5000 p/reel
HWSON-8
typ. 0.022 g
Note:
1. Pb-free (This product does not contain Pb in external electrode and other parts.)
Absolute Maximum Ratings (TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
−30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
−25 / +20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
m17
A
Drain Current (pulse)
∗1
ID(pulse)
m68
A
Total Power Dissipation
∗2
PT1
1.5
W
Total Power Dissipation (PW = 10 sec)
∗2
PT2
3.8
W
Total Power Dissipation (TC = 25°C)
PT3
12
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
∗3
IAS
17
A
Single Avalanche Energy
∗3
EAS
28.9
mJ
Thermal Resistance
Channel to Ambient Thermal Resistance
∗2
Rth(ch-A)
83.3
°C/W
Channel to Case (Drain) Thermal Resistance
Rth(ch-C)
10.4
°C/W
Notes:
1. PW ≤ 10 μs, Duty Cycle ≤ 1%
2. Mounted on a glass epoxy board of 25.4 mm x 25.4 mm x 0.8 mmt
3. Starting T
ch = 25°C, VDD = −15 V, RG = 25 Ω, VGS = −20 → 0 V, L = 100 μH
R07DS0778EJ0101
Rev.1.01
May 28, 2013
HWSON-8


Similar Part No. - UPA2816T1S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2810 RENESAS-UPA2810 Datasheet
359Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E1-AY RENESAS-UPA2810T1L-E1-AY Datasheet
359Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E2-AY RENESAS-UPA2810T1L-E2-AY Datasheet
359Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2008
UPA2811T1L RENESAS-UPA2811T1L Datasheet
227Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2811T1L-E1-AY RENESAS-UPA2811T1L-E1-AY Datasheet
227Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - UPA2816T1S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2813T1L RENESAS-UPA2813T1L Datasheet
192Kb / 7P
   P-channel MOSFET ??0 V, ??7 A, 6.2 m廓
UPA2814T1S RENESAS-UPA2814T1S Datasheet
167Kb / 7P
   P-channel MOSFET ??0 V, ??4 A, 7.8 m廓
UPA2812T1L RENESAS-UPA2812T1L Datasheet
173Kb / 7P
   P-channel MOSFEF ??0 V, ??0 A, 4.8 m廓
UPA2738GR RENESAS-UPA2738GR Datasheet
199Kb / 8P
   P-channel MOSFET ??0 V, ??0 A, 15 m
logo
Fairchild Semiconductor
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FDMS4435BZ FAIRCHILD-FDMS4435BZ Datasheet
266Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -18 A, 20 m廓
FDD8426H FAIRCHILD-FDD8426H Datasheet
469Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 12 A, 12 m廓 P-Channel: -40 V, -10 A, 17 m廓
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com