Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5696B0IPBG Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5696B0IPBG
Description  MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5696B0IPBG Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5696B0IPBG Datasheet HTML 1Page - Broadcom Corporation. BCM5696B0IPBG Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5696
®
MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
12-port Multilayer Gigabit Ethernet Switch
12 10/100/1000-Mbps Ethernet ports with copper or fibre
connectivity
All address tables and buffer memory fully integrated on-chip
Support for jumbo frames of up to 9 KB in size
Advanced full-duplex end-to-end flow and congestion control
with head-of-line blocking prevention
ContentAware™ packet filtering and classification per-port
• Wirespeed operation
• Support for 802.1p, TOS/DiffServ, policing, shaping, marking,
and remarking
• Rate control of broadcast, unknown multicast and unicast
packets
• Eight queues per port
Support for double 802.1q VLAN tagging and VLAN
translation
Hardware-based IP multicast routing and forwarding
• Support for replication
Equal and weighted cost multipath routing for load balancing
Advanced diagnostic features including JTAG boundary scan
and BIST functionality
Low power consumption of 4.65W in a 480-pin PBGA package
Pin-to-pin compatible with the BCM5691
Enables modular, high-performance GbE switch designs
Facilitates seamless integration of voice, video, and data traffic
through low-latency and advanced QoS
Enables lower system design cost and board space utilization
through superior integration and compact form factor
Offers quicker time-to-market and software reuse through
backward compatibility with Broadcom switch software API
FE A T UR E S
SU MM AR Y O F B E N E FI TS
TA RGET A P PL ICA T IO NS
High-performance standalone GbE switch solutions for
distribution and wiring closet of enterprise networks and
remote branches
Embedded GbE switch solutions for blade server applications
within space-constrained data centers
Highly reliable GbE switch solutions for telecom applications
in central offices
ARL
L3
Packet Buffer MMU
ContentAwareFFP
PCI
12 x GbE
Layer 3
On-Chip Tables
Internal Memory for
Nonblocking Performance
10/100/1000 MAC
PCI 32/66 Interface
I2C Interface
1-Gbps SerDes with
SGMII Support


Similar Part No. - BCM5696B0IPBG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5696 BOARDCOM-BCM5696 Datasheet
127Kb / 1P
   MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
BCM5696 BOARDCOM-BCM5696 Datasheet
133Kb / 2P
   MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
BCM56960A0KFSBG BOARDCOM-BCM56960A0KFSBG Datasheet
127Kb / 1P
   MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
BCM56960B1KFSBG BOARDCOM-BCM56960B1KFSBG Datasheet
127Kb / 1P
   MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
BCM5696 BOARDCOM-BCM5696_04 Datasheet
133Kb / 2P
   MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
More results

Similar Description - BCM5696B0IPBG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5696 BOARDCOM-BCM5696_04 Datasheet
133Kb / 2P
   MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
BCM5696 BOARDCOM-BCM5696 Datasheet
127Kb / 1P
   MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
BCM5695 BOARDCOM-BCM5695 Datasheet
133Kb / 1P
   MULTILAYER 12 PORT GIGABIT ETHERNET STACKABLE SWITCH
BCM5691 BOARDCOM-BCM5691_03 Datasheet
112Kb / 2P
   SCALABLE 12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5690 BOARDCOM-BCM5690_03 Datasheet
115Kb / 2P
   SCALABLE 12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5695 BOARDCOM-BCM5695_04 Datasheet
140Kb / 2P
   MULTILAYER 12-PORT GIGABIT ETHERNET STACKABLE SWITCH
BCM5690 BOARDCOM-BCM5690 Datasheet
124Kb / 1P
   SCALABLE 12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
logo
ORing Industrial Networ...
TGS-9120-M12 ORING-TGS-9120-M12 Datasheet
4Mb / 7P
   12-port managed Gigabit Ethernet switch
logo
Broadcom Corporation.
BCM5691 BOARDCOM-BCM5691 Datasheet
146Kb / 1P
   SCALABLE12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56300 BOARDCOM-BCM56300 Datasheet
192Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com