Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92023DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92023DR
Description  Resonant-Switching Driver Controller for LED Lighting
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92023DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92023DR Datasheet HTML 2Page - Texas Instruments TPS92023DR Datasheet HTML 3Page - Texas Instruments TPS92023DR Datasheet HTML 4Page - Texas Instruments TPS92023DR Datasheet HTML 5Page - Texas Instruments TPS92023DR Datasheet HTML 6Page - Texas Instruments TPS92023DR Datasheet HTML 7Page - Texas Instruments TPS92023DR Datasheet HTML 8Page - Texas Instruments TPS92023DR Datasheet HTML 9Page - Texas Instruments TPS92023DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DT
1
2
3
4
RT
OC
SS
GD1
VCC
GND
GD2
8
7
6
5
TPS92023
SLUSBH3 – JUNE 2013
www.ti.com
DEVICE INFORMATION
TPS92023 (Top View)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
I/O
Sets the dead time of high-side and low-side switch driving signals. Connect a resistor to ground. With internal
2.25-V voltage reference, the current flowing through the resistor sets the dead time. To prevent shoot through
DT
1
I
when this pin is accidentally short to ground, the minimum dead time is set to 120 ns. Any dead time setting
less than 120 ns defaults to 120-ns dead time.
GD1
8
O
High-side and low-side switch gate driver. Connect gate driver transformer primary side to these two pins to
drive the half bridge.
GD2
5
O
GND
6
-
Ground.
Overcurrent protection. When the voltage on this pin is above 1 V, gate driver signals are actively pulled low.
OC
3
I
After the voltage falls below 0.6 V, the gate driver signal recovers with soft start. When OC pin voltage is
above 2 V, the device is latched off. Bringing VCC below UVLO level resets the overcurrent latch off.
The current flowing out of this pin sets the frequency of the gate driver signals. Connect the opto-coupler
collector to this pin to control the switching frequency for regulation purpose. Parallel a resistor to ground to
RT
2
I
set the minimum current flowing out of the pin and set the minimum switching frequency. To set the maximum
switching frequency limiting, place a resistor in series with the opto-coupler transistor. This resistor sets the
maximum current flowing out of the pin and limits the maximum switching frequency.
Soft-start. This pin sets the soft-start time of the system. Connect a capacitor to ground. Pulling this pin below
SS
4
I
1 V disables the device to allow easy ON/OFF control. The soft-start function is enabled after all fault
conditions, including bias supply OV, UVLO, overcurrent protection and over-temperature protection.
Bias supply. Connect this pin to a power supply less than 20 V. Place a 1-
μF capacitor in parallel to ground to
VCC
7
-
filter out noise.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS92023


Similar Part No. - TPS92023DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020D TI-TPS92020D Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020DR TI-TPS92020DR Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
More results

Similar Description - TPS92023DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com