Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3839G33 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3839G33
Description  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3839G33 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3839G33 Datasheet HTML 3Page - Texas Instruments TPS3839G33 Datasheet HTML 4Page - Texas Instruments TPS3839G33 Datasheet HTML 5Page - Texas Instruments TPS3839G33 Datasheet HTML 6Page - Texas Instruments TPS3839G33 Datasheet HTML 7Page - Texas Instruments TPS3839G33 Datasheet HTML 8Page - Texas Instruments TPS3839G33 Datasheet HTML 9Page - Texas Instruments TPS3839G33 Datasheet HTML 10Page - Texas Instruments TPS3839G33 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0.5
1.5
2.5
3.5
0
2
4
6
8
10
IOH (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD = 3.3 V
G005
2
2.5
3
3.5
4
0
2
4
6
8
10
12
IOH (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD =4.0 V
G006
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
−40
−15
10
35
60
85
Temperature (°C)
TPS3839A09
TPS3839K50
G003
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
2
2.5
3
3.5
IOH (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD = 1.8 V
G004
100
110
120
130
140
150
160
170
180
190
200
−40
−15
10
35
60
85
Temperature (°C)
VDD = 1.2 V
VDD = 3.3 V
VDD = 5.0 V
VDD = 6.5 V
G001
180
190
200
210
220
−40
−15
10
35
60
85
Temperature (°C)
TPS3839K33
G002
TPS3831
TPS3839
www.ti.com
SBVS193B – JUNE 2012 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS
At TA = +25°C and C1 = 0.1 µF, unless otherwise noted.
Figure 4. SUPPLY CURRENT vs INPUT VOLTAGE AND
Figure 5. RESET DELAY vs TEMPERATURE
TEMPERATURE
Figure 6. PERCENTAGE CHANGE IN THRESHOLD
Figure 7. VOH vs IOH AND TEMPERATURE FOR VDD = 1.8 V
VOLTAGE vs TEMPERATURE
vs
Figure 8. VOH vs IOH AND TEMPERATURE FOR VDD = 3.3 V
Figure 9. VOH vs IOH AND TEMPERATURE FOR VDD = 4.0 V
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3831 TPS3839


Similar Part No. - TPS3839G33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839G33DBZR TI1-TPS3839G33DBZR Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839G33DBZR TI1-TPS3839G33DBZR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
TPS3839G33DBZT TI1-TPS3839G33DBZT Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839G33DBZT TI1-TPS3839G33DBZT Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
TPS3839G33DQN TI1-TPS3839G33DQN Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
More results

Similar Description - TPS3839G33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com