Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3420DDRYR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3420DDRYR
Description  Low-Power, Push-Button Controllers with Configurable Delay
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3420DDRYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3420DDRYR Datasheet HTML 5Page - Texas Instruments TPS3420DDRYR Datasheet HTML 6Page - Texas Instruments TPS3420DDRYR Datasheet HTML 7Page - Texas Instruments TPS3420DDRYR Datasheet HTML 8Page - Texas Instruments TPS3420DDRYR Datasheet HTML 9Page - Texas Instruments TPS3420DDRYR Datasheet HTML 10Page - Texas Instruments TPS3420DDRYR Datasheet HTML 11Page - Texas Instruments TPS3420DDRYR Datasheet HTML 12Page - Texas Instruments TPS3420DDRYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
V
DD
VCC
PB1
RST
GND
Reset
Microprocessor
Device
PB2
V
= 1.6 V to 6.5 V
IN
TS
+
GPIO
GPIO
Push-Button
Switch 2
Push-Button
Switch 1
TPS3420
TPS3421
TPS3422
www.ti.com
SBVS211A – AUGUST 2012 – REVISED MARCH 2013
DETAILED DESCRIPTION
OVERVIEW
The TPS342x are a family of push-button reset devices with an extended setup period that prevents resets from
occurring as a result of short-duration switch closures. See the Device Family Options table for details.
The TPS3420 is a dual-channel device with an output that asserts when both inputs (PB1 and PB2) are held low
for the push-button timer duration, and deasserts when either input PBx is released.
The TPS3421 is a dual-channel device with an output that asserts when both inputs (PB1 and PB2) are held low
for the push-button timer duration, and deasserts after the reset timeout duration.
TPS3422 is a single-channel device with an output that asserts when the PB1 input is held low for the push-
button timer duration, and deasserts after the reset timeout duration.
The TPS342x family also has a TS pin that selects between two different push-button timing options by
connecting the pin to either GND or VCC.
DEVICE INPUTS
This section describes the input of the TPS342x devices.
TPS3420 Inputs (PB1, PB2)
The TPS3420 has two NMOS-based threshold inputs (PB1, PB2) with a VIH ≥ 0.85 V, and a VIL ≤ 0.3 V. When
input conditions are met (that is, when both inputs are simultaneously held low for the push-button timer period,
ttimer), the device asserts a reset low, as shown in Figure 1. Reset deassertion occurs when either input goes
high. The reset pulse occurs only one time after each valid input condition. At least one input pin must be
released (goes high) and then driven low for the ttimer period before RST asserts again. An application diagram is
shown in Figure 14.
NOTE: Connect TS to VCC or ground for different PB time delays. Connect one PB input to ground for use as a single channel.
Figure 14. TPS3420 Application Diagram
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS3420 TPS3421 TPS3422


Similar Part No. - TPS3420DDRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430 TI1-TPS3430 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430WDRCR TI1-TPS3430WDRCR Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results

Similar Description - TPS3420DDRYR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6717 STMICROELECTRONICS-STM6717_10 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717_07 Datasheet
251Kb / 29P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717TWWY6F STMICROELECTRONICS-STM6717TWWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6779YWB6F STMICROELECTRONICS-STM6779YWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com