Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54627DDAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54627DDAR
Description  4.5V to 18V Input, 6-A Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54627DDAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54627DDAR Datasheet HTML 5Page - Texas Instruments TPS54627DDAR Datasheet HTML 6Page - Texas Instruments TPS54627DDAR Datasheet HTML 7Page - Texas Instruments TPS54627DDAR Datasheet HTML 8Page - Texas Instruments TPS54627DDAR Datasheet HTML 9Page - Texas Instruments TPS54627DDAR Datasheet HTML 10Page - Texas Instruments TPS54627DDAR Datasheet HTML 11Page - Texas Instruments TPS54627DDAR Datasheet HTML 12Page - Texas Instruments TPS54627DDAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
1.020
1.030
1.040
1.050
1.060
1.070
1.080
0
5
10
15
20
V
IN - Input Voltage (V)
Io=0A
Io=1A
C005
I
OUT = 0 A
I
OUT = 1 A
Vout(50mV/div)
Iout(2A/div)
100us/div
0
10
20
30
40
50
0
5
10
15
20
EN Input Voltage (V)
C003
V
IN = 18 V
1.000
1.025
1.050
1.075
1.100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
I
OUT - Output Current (A)
Vin=5V
Vin=12V
Vin=18V
C004
V
IN = 5 V
V
IN = 12 V
V
IN = 18 V
0
200
400
600
800
1,000
1,200
1,400
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C001
0
1
2
3
4
5
6
7
8
9
10
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C002
TPS54627
www.ti.com
SLVSBW6 – APRIL 2013
TYPICAL CHARACTERISTICS
VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 1. SUPPLY CURRENT vs JUNCTION TEMPERATURE
Figure 2. SHUTDOWN CURRENT vs
JUNCTION TEMPERATURE
Figure 3. EN INPUT CURRENT vs EN INPUT VOLTAGE
Figure 4. 1.05-V OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 5. 1.05-V OUTPUT VOLTAGE vs INPUT VOLTAGE
Figure 6. 1.05-V, LOAD TRANSIENT RESPONSE
Copyright © 2013, Texas Instruments Incorporated
9
Product Folder Links :TPS54627


Similar Part No. - TPS54627DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54627 TI-TPS54627_15 Datasheet
937Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
More results

Similar Description - TPS54627DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54627 TI-TPS54627_15 Datasheet
937Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com