Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54540 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54540
Description  4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54540 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54540 Datasheet HTML 1Page - Texas Instruments TPS54540 Datasheet HTML 2Page - Texas Instruments TPS54540 Datasheet HTML 3Page - Texas Instruments TPS54540 Datasheet HTML 4Page - Texas Instruments TPS54540 Datasheet HTML 5Page - Texas Instruments TPS54540 Datasheet HTML 6Page - Texas Instruments TPS54540 Datasheet HTML 7Page - Texas Instruments TPS54540 Datasheet HTML 8Page - Texas Instruments TPS54540 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TPS54540
www.ti.com
SLVSBX7 – MAY 2013
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 4.5 to 60V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
4.5
42
V
Internal undervoltage lockout threshold
Rising
4.1
4.3
4.48
V
Internal undervoltage lockout threshold
325
mV
hysteresis
Shutdown supply current
EN = 0 V, 25°C, 4.5 V
≤ VIN ≤ 42 V
2.25
4.5
μA
Operating: nonswitching supply current
FB = 0.83 V, TA = 25°C
146
175
ENABLE AND UVLO (EN PIN)
Enable threshold voltage
No voltage hysteresis, rising and falling
1.1
1.2
1.3
V
Enable threshold +50 mV
–4.6
Input current
μA
Enable threshold –50 mV
–0.58
–1.2
-1.8
Hysteresis current
–2.2
–3.4
-4.5
μA
Enable to COMP active
VIN = 12 V, TA = 25°C
540
µs
INTERNAL SOFT-START TIME
Soft-Start Time
fSW = 500 kHz, 10% to 90%
2.1
ms
Soft-Start Time
fSW = 2.5 MHz, 10% to 90%
0.42
ms
VOLTAGE REFERENCE
Voltage reference
0.792
0.8
0.808
V
HIGH-SIDE MOSFET
On-resistance
VIN = 12 V, BOOT-SW = 6 V
92
190
m
Ω
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance (gM)
–2
μA < ICOMP < 2 μA, VCOMP = 1 V
350
μMhos
Error amplifier transconductance (gM) during
–2
μA < ICOMP < 2 μA, VCOMP = 1 V, VFB = 0.4 V
77
μMhos
soft-start
Error amplifier dc gain
VFB = 0.8 V
10,000
V/V
Min unity gain bandwidth
2500
kHz
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
±30
μA
COMP to SW current transconductance
17
A/V
CURRENT LIMIT
All VIN and temperatures, Open Loop(1)
6.3
7.5
8.8
Current limit threshold
All temperatures, VIN = 12 V, Open Loop(1)
6.3
7.5
8.3
A
VIN = 12 V, TA = 25°C, Open Loop
(1)
7.1
7.5
7.9
Current limit threshold delay
60
ns
THERMAL SHUTDOWN
Thermal shutdown
176
°C
Thermal shutdown hysteresis
12
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching frequency range using RT mode
100
2500
kHz
fSW
Switching frequency
RT = 200 kΩ
450
500
550
kHz
Switching frequency range using CLK mode
160
2300
kHz
Minimum CLK input pulse width
15
ns
RT/CLK high threshold
1.55
1.7
V
RT/CLK low threshold
0.5
1.2
V
RT/CLK falling edge to SW rising edge
Measured at 500 kHz with RT resistor in series
55
ns
delay
PLL lock in time
Measured at 500 kHz
78
μs
(1)
Open Loop current limit measured directly at the SW pin and is independent of the inductor value and slope compensation.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54540


Similar Part No. - TPS54540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540BDDA TI1-TPS54540BDDA Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
More results

Similar Description - TPS54540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com